Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F577BSPMC1 Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # MB91F577BSPMC1
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577BSPMC1 Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button MB91F577BSPMC1 Datasheet HTML 101Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 102Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 103Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 104Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 105Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 106Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 107Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 108Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 109Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 105 of 163
MB91570 Series
13. Electrical Characteristics
13.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*
1,*2
VCC5
VSS-0.3
VSS+6.0
V
DVCC
VSS-0.3
VSS+6.0
V
DVCC ≤ VCC5
VCCE
VSS-0.3
VSS+6.0
V
VCCE ≤ VCC5
Analog power supply voltage*
1,*2
AVCC
VSS-0.3
VSS+6.0
V
AVRH
≤ AV
CC ≤ VCC5
Analog reference voltage*
1
AVRH
VSS-0.3
VSS+6.0
V
AVRH
≤ AV
CC
Input voltage*
1
VI1
VSS-0.3
VCC5+0.3
V
VI2
VSS-0.3
VCC5+0.3
V
SMC shared pin
VIE
VSS-0.3
VCC5+0.3
V
Analog pin input voltage*
1
VIA5
VSS-0.3
VCC5+0.3
V
Output voltage*
1
VO1
VSS-0.3
VCC5+0.3
V
VO2
VSS-0.3
VCC5+0.3
V
SMC shared pin
VOE
VSS-0.3
VCC5+0.3
V
Maximum clamp current
ICLAMP
-4
4
mA
*8
Total maximum clamp current
Σ|I
CLAMP |
–
20
mA
*8
"L" level maximum output current *
3
IOL1
–
7
mA
2mA is selected*
6
IOL2
–
40
mA
30mA is selected *
7
"L" level average output current *
4
IOLAV1
–
2
mA
2mA is selected *
6
IOLAV2
–
30
mA
30mA is selected *
7
"L" level total output current*
5
ΣI
OL1
–
50
mA
*6
ΣI
OL2
–
250
mA
*7
"H" level maximum output current*
3
IOH1 *
3
–
-7
mA
2mA is selected*
6
IOH2 *
3
–
-40
mA
30mA is selected *
7
"H" level average output current*
4
IOHAV1 *
4
–
-2
mA
2mA is selected *
6
IOHAV2 *
4
–
-30
mA
30mA is selected *
7
"H" level total output current*
5
ΣI
OH1
–
-50
mA
*6
ΣI
OH2
–
-250
mA
*7
Power consumption
PD
–
710
mW
Operating temperature
TA
-40
+105
°C
Storage temperature
Tstg
-55
+150
°C
*1: This parameter is based on VSS = AVSS = DVSS = 0.0V.
*2: Caution must be taken that AVCC, DVCC, and VCCE do not exceed VCC5 upon power-on and under other circumstances.
*3: Maximum output current is defined as the value of the peak current flowing through any one of the corresponding pins.
*4: Average output current is defined as the value of the average current flowing through any one of the corresponding pins for a
10 ms period. The average value is the operation current × the operation ratio.
*5: The total output current is defined as the maximum current value flowing through all of corresponding pins.
*6: Outputs other than P60-P87 pins
*7: Output of P60-P87 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com