Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F577BSPMC1 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB91F577BSPMC1
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577BSPMC1 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB91F577BSPMC1 Datasheet HTML 27Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 28Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 29Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 30Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 31Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 32Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 33Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 34Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 31 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
27
VCC5
-
+5.0v Power Supply pin
28
VSS
-
GND pin
29
P010
H
General-Purpose I/O Port
SEG0
LCDC Segment(Duty)Output pin
29
INT8_1
H
External Interrupt Request Input pin ch.8 relocation 1
30
P011
I
General-Purpose I/O Port
SEG1
LCDC Segment(Duty)Output pin
INT9_1
External Interrupt Request Input pin ch.9 relocation 1
31
P012
I
General-Purpose I/O Port
SEG2
LCDC Segment(Duty)Output pin
INT10_1
External Interrupt Request Input pin ch.10 relocation 1
32
P013
I
General-Purpose I/O Port
SEG3
LCDC Segment(Duty)Output pin
INT11_1
External Interrupt Request Input pin ch.11 relocation 1
33
P014
I
General-Purpose I/O Port
SEG4
LCDC Segment(Duty)Output pin
INT12_1
External Interrupt Request Input pin ch.12 relocation 1
34
P015
I
General-Purpose I/O Port
SEG5
LCDC Segment(Duty)Output pin
INT13_1
External Interrupt Request Input pin ch.13 relocation 1
35
P016
I
General-Purpose I/O Port
SEG6
LCDC Segment(Duty)Output pin
INT14_1
External Interrupt Request Input pin ch.14 relocation 1
36
P017
I
General-Purpose I/O Port
SEG7
LCDC Segment(Duty)Output pin
INT15_1
External Interrupt Request Input pin ch.15 relocation 1
37
P020
I
General-Purpose I/O Port
SEG8
LCDC Segment(Duty)Output pin
ICU6_0
Input Capture Input pin ch.6 relocation 0
OCU0_1
Output Compare Output pin ch.0 relocation 1
38
P021
I
General-Purpose I/O Port
SEG9
LCDC Segment(Duty)Output pin
ICU7_0
Input Capture Input pin ch.7 relocation 0
OCU1_1
Output Compare Output pin ch.1 relocation 1
39
P022
I
General-Purpose I/O Port
SEG10
LCDC Segment(Duty)Output pin
ICU8_0
Input Capture Input pin ch.8 relocation 0
OCU2_1
Output Compare Output pin ch.2 relocation 1
40
P023
I
General-Purpose I/O Port
SEG11
LCDC Segment(Duty)Output pin
ICU9_0
Input Capture Input pin ch.9 relocation 0
OCU3_1
Output Compare Output pin ch.3 relocation 1
41
P024
I
General-Purpose I/O Port
SEG12
LCDC Segment(Duty)Output pin
ICU10_0
Input Capture Input pin ch.10 relocation 0
OCU11_0
Output Compare Output pin ch.11 relocation 0
42
P025
I
General-Purpose I/O Port
SEG13
LCDC Segment(Duty)Output pin
ICU11_0
Input Capture Input pin ch.11 relocation 0
OCU10_0
Output Compare Output pin ch.10 relocation 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com