Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F577BSPMC1 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB91F577BSPMC1
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577BSPMC1 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB91F577BSPMC1 Datasheet HTML 24Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 25Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 26Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 27Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 28Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 29Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 30Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 31Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 28 of 163
MB91570 Series
Pin
Number
Pin Name
I/O Circuit
Type
Function Description
138
P007
M
General-Purpose I/O Port
D23_0
External Bus Data I/O pin
TOT3_2
Reload Timer Output pin ch.3 relocation 2
PPG7_0
PPG Output pin ch.7 relocation 0
D31_1
External Bus Data I/O pin
INT7_1
External Interrupt Request Input pin ch.7 relocation 1
139
P010
H/I4
*1
General-Purpose I/O Port
D24_0
External Bus Data I/O pin
SEG0
LCDC Segment(Duty)Output pin
D16_1
External Bus Data I/O pin
INT8_1
External Interrupt Request Input pin ch.8 relocation 1
140
P011
H/I4
*1
General-Purpose I/O Port
D25_0
External Bus Data I/O pin
SEG1
LCDC Segment(Duty)Output pin
D17_1
External Bus Data I/O pin
INT9_1
External Interrupt Request Input pin ch.9 relocation 1
141
P012
H/I4
*1
General-Purpose I/O Port
D26_0
External Bus Data I/O pin
SEG2
LCDC Segment(Duty)Output pin
D18_1
External Bus Data I/O pin
INT10_1
External Interrupt Request Input pin ch.10 relocation 1
142
P013
H/I4
*1
General-Purpose I/O Port
D27_0
External Bus Data I/O pin
SEG3
LCDC Segment(Duty)Output pin
D19_1
External Bus Data I/O pin
INT11_1
External Interrupt Request Input pin ch.11 relocation 1
143
P014
H/I4
*1
General-Purpose I/O Port
D28_0
External Bus Data I/O pin
SEG4
LCDC Segment(Duty)Output pin
D20_1
External Bus Data I/O pin
INT12_1
External Interrupt Request Input pin ch.12 relocation 1
1
VCCE
-
+3.3v/+5.0v Power Supply pin
20
VCCE
-
+3.3v/+5.0v Power Supply pin
21
VSS
-
GND pin
36
VCC5
-
+5.0v Power Supply pin
37
VSS
-
GND pin
41
DVCC
-
Power Supply pin for SMC high current
42
DVSS
-
GND pin for SMC high current
51
DVCC
-
Power Supply pin for SMC high current
52
DVSS
-
GND pin for SMC high current
61
DVCC
-
Power Supply pin for SMC high current
62
DVSS
-
GND pin for SMC high current
71
DVCC
-
Power Supply pin for SMC high current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com