Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 285 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 285 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 281Page - Microchip Technology PIC18F442-E/P Datasheet HTML 282Page - Microchip Technology PIC18F442-E/P Datasheet HTML 283Page - Microchip Technology PIC18F442-E/P Datasheet HTML 284Page - Microchip Technology PIC18F442-E/P Datasheet HTML 285Page - Microchip Technology PIC18F442-E/P Datasheet HTML 286Page - Microchip Technology PIC18F442-E/P Datasheet HTML 287Page - Microchip Technology PIC18F442-E/P Datasheet HTML 288Page - Microchip Technology PIC18F442-E/P Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 283
PIC18FXX2
TABLE 22-16: I2C BUS DATA REQUIREMENTS (SLAVE MODE)
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
4.0
—
µs
PIC18FXXX must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
µs
PIC18FXXX must operate at a
minimum of 10 MHz
SSP Module
1.5 TCY
—
101
TLOW
Clock low time
100 kHz mode
4.7
—
µs
PIC18FXXX must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
µs
PIC18FXXX must operate at a
minimum of 10 MHz
SSP Module
1.5 TCY
—
102
TR
SDA and SCL rise
time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 to 400 pF
103
TF
SDA and SCL fall
time
100 kHz mode
—
1000
ns
VDD
≥ 4.2V
400 kHz mode
20 + 0.1 CB
300
ns
VDD
≥ 4.2V
90
TSU:STA
START condition
setup time
100 kHz mode
4.7
—
µs
Only relevant for Repeated
START condition
400 kHz mode
0.6
—
µs
91
THD:STA
START condition hold
time
100 kHz mode
4.0
—
µs
After this period, the first clock
pulse is generated
400 kHz mode
0.6
—
µs
106
THD:DAT
Data input hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
µs
107
TSU:DAT
Data input setup time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
92
TSU:STO
STOP condition
setup time
100 kHz mode
4.7
—
µs
400 kHz mode
0.6
—
µs
109
TAA
Output valid from
clock
100 kHz mode
—
3500
ns
(Note 1)
400 kHz mode
——
ns
110
TBUF
Bus free time
100 kHz mode
4.7
—
µs
Time the bus must be free
before a new transmission can
start
400 kHz mode
1.3
—
µs
D102
CB
Bus capacitive loading
—
400
pF
Note
1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (min. 300 ns) of
the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2: A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement TSU:DAT
≥ 250 ns
must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If
such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line.
TR max. + TSU:DAT = 1000 + 250 = 1250 ns (according to the Standard mode I2C bus specification) before the SCL line is
released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com