Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 289 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 289 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 285Page - Microchip Technology PIC18F442-E/P Datasheet HTML 286Page - Microchip Technology PIC18F442-E/P Datasheet HTML 287Page - Microchip Technology PIC18F442-E/P Datasheet HTML 288Page - Microchip Technology PIC18F442-E/P Datasheet HTML 289Page - Microchip Technology PIC18F442-E/P Datasheet HTML 290Page - Microchip Technology PIC18F442-E/P Datasheet HTML 291Page - Microchip Technology PIC18F442-E/P Datasheet HTML 292Page - Microchip Technology PIC18F442-E/P Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 287
PIC18FXX2
TABLE 22-21: A/D CONVERTER CHARACTERISTICS: PIC18FXX2 (INDUSTRIAL, EXTENDED)
PIC18LFXX2 (INDUSTRIAL)
FIGURE 22-22:
A/D CONVERSION TIMING
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
——
10
bit
A03
EIL
Integral linearity error
——
<±1
LSb
VREF = VDD = 5.0V
A04
EDL
Differential linearity error
——
<±1
LSb
VREF = VDD = 5.0V
A05
EG
Gain error
——
<±1
LSb
VREF = VDD = 5.0V
A06
EOFF
Offset error
——
<±1.5
LSb
VREF = VDD = 5.0V
A10
—
Monotonicity
guaranteed(2)
—
VSS
≤ VAIN ≤ VREF
A20
A20A
VREF
Reference Voltage
(VREFH – VREFL)
1.8V
3V
—
—
—
—
V
V
VDD < 3.0V
VDD
≥ 3.0V
A21
VREFH
Reference voltage High
AVSS
—
AVDD + 0.3V
V
A22
VREFL
Reference voltage Low
AVSS – 0.3V
—
VREFH
V
A25
VAIN
Analog input voltage
AVSS – 0.3V
—
AVDD + 0.3V
V
VDD
≥ 2.5V (Note 3)
A30
ZAIN
Recommended impedance of
analog voltage source
——
2.5
k
Ω (Note 4)
A50
IREF
VREF input current (Note 1)
—
—
—
—
5
150
µA
µA
During VAIN acquisition
During A/D conversion cycle
Note 1: Vss
≤ VAIN ≤ VREF
2: The A/D conversion result never decreases with an increase in the Input Voltage, and has no missing codes.
3: For VDD < 2.5V, VAIN should be limited to < .5 VDD.
4: Maximum allowed impedance for analog voltage source is 10 k
Ω. This requires higher acquisition times.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(Note 2)
98
7
2
1
0
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.
This allows the SLEEP instruction to be executed.
2: This is a minimal RC delay (typically 100 nS), which also disconnects the holding capacitor from the analog input.
. . .
. . .
TCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com