Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 290 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 290 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 286Page - Microchip Technology PIC18F442-E/P Datasheet HTML 287Page - Microchip Technology PIC18F442-E/P Datasheet HTML 288Page - Microchip Technology PIC18F442-E/P Datasheet HTML 289Page - Microchip Technology PIC18F442-E/P Datasheet HTML 290Page - Microchip Technology PIC18F442-E/P Datasheet HTML 291Page - Microchip Technology PIC18F442-E/P Datasheet HTML 292Page - Microchip Technology PIC18F442-E/P Datasheet HTML 293Page - Microchip Technology PIC18F442-E/P Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 332 page
background image
PIC18FXX2
DS39564B-page 288
 2002 Microchip Technology Inc.
TABLE 22-22: A/D CONVERSION REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
130
TAD
A/D clock period
PIC18FXXX
1.6
20(4)
µsTOSC based
PIC18FXXX
2.0
6.0
µs
A/D RC mode
131
TCNV
Conversion time
(not including acquisition time) (Note 1)
11
12
TAD
132
TACQ
Acquisition time (Note 2)
5
10
—
—
µs
µs
VREF = VDD = 5.0V
VREF = VDD = 2.5V
135
TSWC
Switching Time from convert
→ sample
—
(Note 3)
Note 1: ADRES register may be read on the following TCY cycle.
2: The time for the holding capacitor to acquire the “New” input voltage, when the new input value has not
changed by more than 1 LSB from the last sampled voltage. The source impedance (RS) on the input channels
is 50
Ω. See Section 17.0 for more information on acquisition time consideration.
3: On the next Q4 cycle of the device clock.
4: The time of the A/D clock period is dependent on the device frequency and the TAD clock divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com