Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 294 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 294 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 290Page - Microchip Technology PIC18F442-E/P Datasheet HTML 291Page - Microchip Technology PIC18F442-E/P Datasheet HTML 292Page - Microchip Technology PIC18F442-E/P Datasheet HTML 293Page - Microchip Technology PIC18F442-E/P Datasheet HTML 294Page - Microchip Technology PIC18F442-E/P Datasheet HTML 295Page - Microchip Technology PIC18F442-E/P Datasheet HTML 296Page - Microchip Technology PIC18F442-E/P Datasheet HTML 297Page - Microchip Technology PIC18F442-E/P Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 332 page
background image
PIC18FXX2
DS39564B-page 292
 2002 Microchip Technology Inc.
FIGURE 23-7:
TYPICAL IDD vs. FOSC OVER VDD (LP MODE)
FIGURE 23-8:
MAXIMUM IDD vs. FOSC OVER VDD (LP MODE)
0
10
20
30
40
50
60
70
80
90
100
20
30
40
50
60
70
80
90
100
FOSC (kHz)
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
Typical:
statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to 125°C)
Minimum:
mean – 3
σ (-40°C to 125°C)
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
90
100
FOSC (kHz)
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
Typical:
statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to 125°C)
Minimum:
mean – 3
σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com