Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 296 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 296 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 292Page - Microchip Technology PIC18F442-E/P Datasheet HTML 293Page - Microchip Technology PIC18F442-E/P Datasheet HTML 294Page - Microchip Technology PIC18F442-E/P Datasheet HTML 295Page - Microchip Technology PIC18F442-E/P Datasheet HTML 296Page - Microchip Technology PIC18F442-E/P Datasheet HTML 297Page - Microchip Technology PIC18F442-E/P Datasheet HTML 298Page - Microchip Technology PIC18F442-E/P Datasheet HTML 299Page - Microchip Technology PIC18F442-E/P Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 332 page
background image
PIC18FXX2
DS39564B-page 294
 2002 Microchip Technology Inc.
FIGURE 23-11:
TYPICAL AND MAXIMUM IDD vs. VDD
(TIMER1 AS MAIN OSCILLATOR, 32.768 kHz, C1 AND C2 = 47 pF)
FIGURE 23-12:
AVERAGE FOSC vs. VDD FOR VARIOUS VALUES OF R
(RC MODE, C = 20 pF, +25
°C)
0
20
40
60
80
100
120
140
160
180
2.02.5
3.03.5
4.04.5
5.0
5.5
VDD (V)
Typ (25C)
Max (70C)
Typical:
statistical mean @ 25°C
Maximum: mean + 3
σ (-10°C to 70°C)
Minimum:
mean – 3
σ (-10°C to 70°C)
Max (+70°C)
Typ (+25°C)
0
500
1,000
1,500
2,000
2,500
3,000
3,500
4,000
4,500
2.02.5
3.03.5
4.04.5
5.05.5
VDD (V)
3.3k
Ω
5.1k
Ω
10k
Ω
100k
Ω
Operation above 4 MHz is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com