Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 198 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 198 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 194Page - Microchip Technology PIC18F442-E/P Datasheet HTML 195Page - Microchip Technology PIC18F442-E/P Datasheet HTML 196Page - Microchip Technology PIC18F442-E/P Datasheet HTML 197Page - Microchip Technology PIC18F442-E/P Datasheet HTML 198Page - Microchip Technology PIC18F442-E/P Datasheet HTML 199Page - Microchip Technology PIC18F442-E/P Datasheet HTML 200Page - Microchip Technology PIC18F442-E/P Datasheet HTML 201Page - Microchip Technology PIC18F442-E/P Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 332 page
background image
PIC18FXX2
DS39564B-page 196
 2002 Microchip Technology Inc.
TABLE 19-1:
CONFIGURATION BITS AND DEVICE IDS
REGISTER 19-1:
CONFIGURATION REGISTER 1 HIGH (CONFIG1H: BYTE ADDRESS 300001h)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300001h
CONFIG1H
—
—
OSCSEN
—
—
FOSC2
FOSC1
FOSC0
--1- -111
300002h
CONFIG2L
—
—
—
—
BORV1
BORV0
BOREN
PWRTEN
---- 1111
300003h
CONFIG2H
—
—
—
—
WDTPS2
WDTPS1
WDTPS0
WDTEN
---- 1111
300005h
CONFIG3H
—
—
—
—
—
—
—
CCP2MX
---- ---1
300006h
CONFIG4L
DEBUG
—
—
—
—
LVP
—
STVREN
1--- -1-1
300008h
CONFIG5L
—
—
—
—
CP3
CP2
CP1
CP0
---- 1111
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah
CONFIG6L
—
—
—
—
WRT3
WRT2
WRT1
WRT0
---- 1111
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch
CONFIG7L
—
—
—
—
EBTR3
EBTR2
EBTR1
EBTR0
---- 1111
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh
DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
(1)
3FFFFFh
DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 0100
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition.
Shaded cells are unimplemented, read as ‘0’.
Note 1: See Register 19-12 for DEVID1 values.
U-0
U-0
R/P-1
U-0
U-0
R/P-1
R/P-1
R/P-1
—
—
OSCSEN
—
—
FOSC2
FOSC1
FOSC0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
OSCSEN: Oscillator System Clock Switch Enable bit
1
= Oscillator system clock switch option is disabled (main oscillator is source)
0
= Oscillator system clock switch option is enabled (oscillator switching is enabled)
bit 4-3
Unimplemented: Read as ‘0’
bit 2-0
FOSC2:FOSC0: Oscillator Selection bits
111
= RC oscillator w/ OSC2 configured as RA6
110
= HS oscillator with PLL enabled/Clock frequency = (4 x FOSC)
101
= EC oscillator w/ OSC2 configured as RA6
100
= EC oscillator w/ OSC2 configured as divide-by-4 clock output
011
= RC oscillator
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com