Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 196Page - Microchip Technology PIC18F442-E/P Datasheet HTML 197Page - Microchip Technology PIC18F442-E/P Datasheet HTML 198Page - Microchip Technology PIC18F442-E/P Datasheet HTML 199Page - Microchip Technology PIC18F442-E/P Datasheet HTML 200Page - Microchip Technology PIC18F442-E/P Datasheet HTML 201Page - Microchip Technology PIC18F442-E/P Datasheet HTML 202Page - Microchip Technology PIC18F442-E/P Datasheet HTML 203Page - Microchip Technology PIC18F442-E/P Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 332 page
background image
PIC18FXX2
DS39564B-page 198
 2002 Microchip Technology Inc.
REGISTER 19-4:
CONFIGURATION REGISTER 3 HIGH (CONFIG3H: BYTE ADDRESS 300005h)
REGISTER 19-5:
CONFIGURATION REGISTER 4 LOW (CONFIG4L: BYTE ADDRESS 300006h)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/P-1
—
—
—
—
—
—
—
CCP2MX
bit 7
bit 0
bit 7-1
Unimplemented: Read as ‘0’
bit 0
CCP2MX: CCP2 Mux bit
1
= CCP2 input/output is multiplexed with RC1
0
= CCP2 input/output is multiplexed with RB3
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state
R/P-1
U-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
BKBUG
—
—
—
—
LVP
—
STVREN
bit 7
bit 0
bit 7
DEBUG: Background Debugger Enable bit
1
= Background Debugger disabled. RB6 and RB7 configured as general purpose I/O pins.
0
= Background Debugger enabled. RB6 and RB7 are dedicated to In-Circuit Debug.
bit 6-3
Unimplemented: Read as ‘0’
bit 2
LVP: Low Voltage ICSP Enable bit
1
= Low Voltage ICSP enabled
0
= Low Voltage ICSP disabled
bit 1
Unimplemented: Read as ‘0’
bit 0
STVREN: Stack Full/Underflow Reset Enable bit
1
= Stack Full/Underflow will cause RESET
0
= Stack Full/Underflow will not cause RESET
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com