Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9528BCPZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 50Page - Analog Devices AD9528BCPZ Datasheet HTML 51Page - Analog Devices AD9528BCPZ Datasheet HTML 52Page - Analog Devices AD9528BCPZ Datasheet HTML 53Page - Analog Devices AD9528BCPZ Datasheet HTML 54Page - Analog Devices AD9528BCPZ Datasheet HTML 55Page - Analog Devices AD9528BCPZ Datasheet HTML 56Page - Analog Devices AD9528BCPZ Datasheet HTML 57Page - Analog Devices AD9528BCPZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 53 of 67
CLOCK PART FAMILY ID (REGISTER 0x0003 TO REGISTER 0x0006)
Table 39. Clock Part Family ID
Address
Bits
Bit Name
Description
0x0003
[7:4]
Reserved
Reserved.
[3:0]
Chip type, Bits[3:0]
The Analog Devices unified SPI protocol reserves this read only register location for
identifying the type of device. The default value of 0x05 identifies the AD9528 as a clock IC.
0x0004
[7:4]
Clock part serial ID, Bits[3:0]
The Analog Devices unified SPI protocol reserves this read only register location as the
lower four bits of the clock part serial ID that, along with Register 0x0005, uniquely
identifies the AD9528 within the Analog Devices clock chip family. No other Analog
Devices chip that adheres to the Analog Devices unified SPI has these values for
Register 0x0003, Register 0x0004, and Register 0x0005. The clock part serial ID is 0x00F;
for these four bits it is 0xF.
[3:0]
Reserved
Default = 0xF.
0x0005
[7:0]
Clock part serial ID,
Bits[11:4]
The Analog Devices unified SPI protocol reserves this read only register location as the
upper eight bits of the clock part serial ID that, along with Register 0x0004, uniquely
identifies the AD9528 within the Analog Devices clock chip family. No other Analog
Devices chip that adheres to the Analog Devices unified SPI has these values for
Register 0x0003, Register 0x0004, and Register 0x0005. Default: 0x00.
0x0006
[7:0]
Part versions, Bits[7:0]
The Analog Devices unified SPI protocol reserves this read only register location for
identifying the die revision. Default = 0x03.
SPI VERSION (REGISTER 0x000B)
Table 40. SPI Version
Bits
Bit Name
Description
[7:0]
SPI version, Bits[7:0]
The Analog Devices unified SPI protocol reserves this read only register location for identifying the version
of the unified SPI protocol. Default = 0x00.
VENDOR ID (REGISTER 0x000C TO REGISTER 0x000D)
Table 41. Vendor ID
Address
Bits
Bit Name
Description
0x000C
[7:0]
Vendor ID, Bits[7:0]
The Analog Devices unified SPI protocol reserves this read only register location for identifying
Analog Devices as the chip vendor of this device. All Analog Devices devices adhering to the
unified serial port specification have the same value in this register. Default = 0x56.
0x000D
[7:0]
Vendor ID, Bits[15:8]
The Analog Devices unified SPI protocol reserves this read only register location for identifying
Analog Devices as the chip vendor of this device. All Analog Devices devices adhering to the
unified serial port specification have the same value in this register. Default = 0x04.
IO_UPDATE (REGISTER 0x000F)
Table 42. IO_UPDATE
Bits
Bit Name
Description
[7:1]
Reserved
Reserved. Default = 0000000b.
0
IO_UPDATE
Writing a 1 to this bit transfers the data in the serial input/output buffer registers to the internal control registers of the
device. This is an autoclearing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com