Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T9602 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # T9602
Description  Fully calibrated and temperature compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T9602 Datasheet(HTML) 1 Page - Amphenol Corporation

  T9602 Datasheet HTML 1Page - Amphenol Corporation T9602 Datasheet HTML 2Page - Amphenol Corporation T9602 Datasheet HTML 3Page - Amphenol Corporation T9602 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• Fullycalibratedandtemperaturecompensated
• Waterresistant(IP67Certified)
• DigitalorPulseDensityModulatedconvertibleto
analogue
• Availableinmultipleflexiblecablelengths
• Precision&accuracy(±2%RH,±0.5°C,14bit
resolution)
• Lowcurrentconsumption
• Designedforreliabilityinharshenvironments
• Flexiblemountingoptions
Applications
• EnergysavingHVACControl–AirConditioning,
Refrigeration,IndoorAirQuality,VentFans,Home
Appliances,Humi/Dehumidifiers
• ProcessControl&Instrumentation-Medical
Instruments,HandheldDevices,WeatherStations,
FoodProcessing,printers,RFID’s
TheT9602offersthemostadvancedandcost
effectivehumidityandtemperaturesensingsolution
forvirtuallyanytypeofapplication.
Basedonourowncapacitivepolymersensorchip
andASICintegratedintoaneasymountOEM
package.
Eachsensorisindividuallycalibratedandtested.
TheT9602issimpleandreadytousewithoutfurther
calibrationortemperaturecompensation.
TheT9602provideslinearizedoutputsignalsinone
oftwointerfacestomeetcustomerrequirements.
• I2Cinterface
• PDMoutputconvertibletoananaloguesignal
• RefertoApplicationguidesectionformore
detailedinterfacinginformation
T9602Humidity
&Temperature
SensorforOEM
Installation
Amphenol
Advanced Sensors
®
®
®


Similar Part No. - T9602

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
T9602 VBSEMI-T9602 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - T9602

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
Calibrated and temperature compensated digital output
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
Calibrated and temperature compensated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com