Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T9602 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T9602
Description  Fully calibrated and temperature compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T9602 Datasheet(HTML) 2 Page - Amphenol Corporation

  T9602 Datasheet HTML 1Page - Amphenol Corporation T9602 Datasheet HTML 2Page - Amphenol Corporation T9602 Datasheet HTML 3Page - Amphenol Corporation T9602 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RelativeHumidity(RH%)
Typical%RHAccuracy
TypicalTemperatureAccuracy
Temperature(°C)
Resolution
14bit(0.01%RH)
Accuracy1
±2.0%RH(20~80%RH)
±3.5%RH(0%to20%)and
(80%to100%)(Figure 1)
Repeatability
±0.2%RH
Hysteresis
±2.0%RH
Linearity
<2.0%RH
ResponseTime2
≤29sec(T63%)
TempCoefficient 0.13%RH/°C
(at10~60°C,10~90%RH)
Operating
0~95%RH
LongTermDrift
<0.5%RH/year
(Normalconditions)
1.Accuraciesmeasuredat25°C,nominalvoltage.
2.30%RHstepresponse,measuredat25°Cina
1m/secairflow.
Resolution
14bit(0.01°C)
Accuracy1
±0.5°C
Repeatability
±0.1°C
ResponseTime2
≤116sec(T63)
OperatingRange3
-20°Cto70°C
LongTermDrift
<0.05°C/year
(Normalconditions)
1. Accuraciesmeasuredat25°C,nominalvoltage.
2. 25°Cstepresponseina1m/secairflow.
3. Minimumdesignrange,documentedtesting
0°Cto50°C.
AssemblyAccuracySpecifications
ApplicationGuide
UserscandownloadApplicationGuideAAS-916-127atthebelowlink.Theuserwillfindthefirmware
requirementsneededtointerfacetothedigitalsensorsintheupdatemode,andtheprocessesnecessaryto
convertthePulseDensityModulated(PDM)outputstoanalogueoutputs.
ClickheretodownloadApplicationGuideAAS-916-127



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com