Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHRH Datasheet(PDF) 1 Page - Amphenol Corporation

Part # EHRH
Description  Waterproof sensing element and housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

EHRH Datasheet(HTML) 1 Page - Amphenol Corporation

  EHRH Datasheet HTML 1Page - Amphenol Corporation EHRH Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EHRH
Waterproof RH Transmitter
The EHRH Relative Humidity Transmitter is a waterproof
RH sensing element and package which is ideally
suited for monitoring relative humidity in high RH/harsh
environment applications or where washdowns are
required. The unit is designed for continuous monitoring
of relative humidity and temperature and is available in
±2% accuracy.
Both the sensor and electronics are contained in an
epoxy-hardened enclosure designed for continuous
service. A water-tight membrane filter is installed over
the RH sensor for increased protection against high RH,
contaminants and washdowns. The unit is designed to
withstand 100% saturation.
The sensor incorporates a bulk polymer resistance
element. The polymer is impervious to most
contaminants and, since it is a bulk resistance device,
surface contamination such as dust will not alter the
accuracy of the readings.
The unit is provided with continuous temperature
compensation which adjusts for temperature-induced
change in the RH sensor output. The compensation
provides high measurement accuracy over the entire
operating range of the instrument.
Features
• Waterproof sensing element and housing
• Compact transmitter with built-in sensor
• Bulk polymer resistance RH sensor
• Resistant to contamination
• Thermistor temperature measurement
• Temperature compensation
Applications
• Greenhouses
• Textile mills
• Food processing
• Shipping containers
• Swimming pools
• Hospital suites
Amphenol
Advanced Sensors
®


Similar Part No. - EHRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EHR-10 ETC1-EHR-10 Datasheet
142Kb / 6P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
EHR-10 JST-EHR-10 Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-11 ETC1-EHR-11 Datasheet
142Kb / 6P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
EHR-11 JST-EHR-11 Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-12 ETC1-EHR-12 Datasheet
142Kb / 6P
Disconnectable Crimp style connectors
More results

Similar Description - EHRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPM-15PA ETC-FPM-15PA Datasheet
390Kb / 4P
Sensing element / Absolute
logo
Fujikura Ltd.
FDM-30PDSR FUJIKURA-FDM-30PDSR Datasheet
300Kb / 2P
Sensing element/Differential
FGMC-307PGSR FUJIKURA-FGMC-307PGSR Datasheet
295Kb / 3P
Sensing element/Gauge
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
Sensing element/Absolute
FPMC-07PGR FUJIKURA-FPMC-07PGR Datasheet
378Kb / 4P
Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR Datasheet
351Kb / 3P
Sensing element/Gauge
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
Sensing element / Differential
FGM-607PGSR FUJIKURA-FGM-607PGSR Datasheet
255Kb / 5P
Sensing element Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR_11 Datasheet
195Kb / 5P
Sensing element Gauge
logo
Stackpole Electronics, ...
BR_SERIES SEI-BR_SERIES Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com