Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHRH Datasheet(PDF) 2 Page - Amphenol Corporation

Part # EHRH
Description  Waterproof sensing element and housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

EHRH Datasheet(HTML) 2 Page - Amphenol Corporation

  EHRH Datasheet HTML 1Page - Amphenol Corporation EHRH Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EHRH Specifications
Humidity
Sensing Element
Resistance change of bulk polymer sensor
Accuracy at 77°F (25°C)
±2% RH. 30 to 95% RH including hysteresis, linearity,
and repeatability.
Temperature Effect
Less than 0.11% per ºF (0.06% per ºC)
Sensitivity
0.1% RH
Repeatability
0.5% RH
Linearity
See accuracy
Hysteresis
Less than 1%
Operating Range, Sensor & Electronics
0% to 100% RH, -20ºC to 54ºC (-4ºF to 129ºF)
Maximum Air Velocity
10,000 ft/minimum (3,048 m/minimum)
Output Ranges
4 to 20 mA current, two-wire, loop-powered for 0 to
100%, RH (standard) into 0 to 900 Ω
Adjustment
Zero
±20%, non-interactive
Span
±10%, non-interactive
Long Term Stability
Less than 2% drift per year typical
Power Supply
Voltage
12 to 36 VDC
Wiring Connection
Deutsch four-position waterproof connector (For front
wiring only_flying leads for back wiring).
Temperature
Sensing Element
Thermistor, 10 KΩ at 77°F (25ºC), two-wire
measurement
Accuracy at 77°F (25ºC)
±0.5ºF (±0.3ºC). Also available with 100 (RTD with 4 mA
to 20 mA analog output.
Consult factory for further information
Part Number Configuration
Order
Codes:
[1]-[2]-[3]-[4]
1
Model Designation
EHRH-2
Relative Humidity and 10K thermister outputs
EHRHT-2
Relative Humidity and signal conditioned temperature
outputs
2
Output(s)
I
Current (4-20mA) EHRH and EHRHT
V5
Voltage (0-5 VDC) EHRH only
V10
Voltage (0-10 VDC) EHRH only
3
Wiring
F
Front, with waterproof connector
B
Back, flying leads
4
Temperature Channel Range (EHRHT Only)
1
-20°F to +140°F Temperature Rage (Standard Range)
2
0°F to +150°F Temperature Range
3
0°F to 100°F Temperature Range
4
+32°F to +132°F Temperature Range
5
+50°F to +130°F Temperature Range
6
-40°F to +140°F Temperature Range
7
Custom Temperature Range
Example:
EHRH-2-V5-F RH transmitter with 10K thermistor, 2%
accurate RH, 0-5 volt RH output and front-wired
(waterproof connector).
All units have a standard 3-Point factory
calibration (30, 50, 80% RH @ 25°C) standard
relative humidity output range is 0 to 100%.
Standard temperature output range is –20°F
to +140°F. Standard relative humidity and
temperature output signal is 4-20 mA.
AAS-920-233D-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
www.telaire.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com