Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM82 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM82 Datasheet HTML 4Page - National Semiconductor (TI) LM82 Datasheet HTML 5Page - National Semiconductor (TI) LM82 Datasheet HTML 6Page - National Semiconductor (TI) LM82 Datasheet HTML 7Page - National Semiconductor (TI) LM82 Datasheet HTML 8Page - National Semiconductor (TI) LM82 Datasheet HTML 9Page - National Semiconductor (TI) LM82 Datasheet HTML 10Page - National Semiconductor (TI) LM82 Datasheet HTML 11Page - National Semiconductor (TI) LM82 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Logic Electrical Characteristics (Continued)
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The Temperature Error will vary less than ±1.0˚C for a variation in VCC of 3V to 3.6V from the nominal of 3.3V.
Note 9: Quiescent current will not increase substantially with an active SMBus.
Note 10: This specification is provided only to indicate how often temperature data is updated. The LM82 can be read at any time without regard to conversion state
(and will yield last conversion result).
Note 11: Default values set at power up.
Note 12: Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will cause the LM82 to reset SMBData and SMBCLK to the IDLE
state of an SMBus communication (SMBCLK and SMBData set High).
1.0 Functional Description
The LM82 temperature sensor incorporates a band-gap type
temperature sensor using a Local or Remote diode and an
8-bit ADC (Delta-Sigma Analog-to-Digital Converter). The
LM82 is compatible with the serial SMBus and I
2C two wire
interfaces. Digital comparators compare Local (LT) and Re-
mote (RT) temperature readings to user-programmable set-
points (LHS, RHS, and TCS). Activation of the INT output in-
dicates that a comparison is greater than the limit preset in a
HIGH register. The T_CRIT setpoint (TCS) interacts with all
the temperature readings. Activation of the T_CRIT_A output
indicates that any or all of the temperature readings have ex-
ceed the T_CRIT setpoint.
1.1 CONVERSION SEQUENCE
The LM82 converts its own temperature as well as a remote
diode temperature in the following sequence:
1.
Local Temperature (LT)
2.
Remote Diode (RT)
This round robin sequence takes approximately 480 ms to
complete.
1.2 INT OUTPUT and T_HIGH LIMITS
Each temperature reading (LT, and RT) is associated with a
T_HIGH setpoint register (LHS, RHS). At the end of a tem-
perature reading a digital comparison determines whether
that reading has exceeded its HIGH setpoint. If the tempera-
ture reading is greater than the HIGH setpoint, a bit is set in
one of the Status Registers, to indicate which temperature
reading, and the INT output is activated.
Local and remote temperature diodes are sampled in se-
quence by the A/D converter. The INT output and the Status
Register flags are updated at the completion of a conversion,
which occurs approximately 60 ms after a temperature diode
is sampled. INT is deactivated when the Status Register,
containing the set bit, is read and a temperature reading is
DS101297-5
FIGURE 2. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
DS101297-24
FIGURE 3. Printed Circuit Board Used for Thermal Resistance Specifications
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com