Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM82 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM82 Datasheet HTML 1Page - National Semiconductor (TI) LM82 Datasheet HTML 2Page - National Semiconductor (TI) LM82 Datasheet HTML 3Page - National Semiconductor (TI) LM82 Datasheet HTML 4Page - National Semiconductor (TI) LM82 Datasheet HTML 5Page - National Semiconductor (TI) LM82 Datasheet HTML 6Page - National Semiconductor (TI) LM82 Datasheet HTML 7Page - National Semiconductor (TI) LM82 Datasheet HTML 8Page - National Semiconductor (TI) LM82 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM82
Remote Diode and Local Digital Temperature Sensor
with Two-Wire Interface
General Description
The LM82 is a digital temperature sensor with a 2 wire serial
interface that senses the voltage and thus the temperature of
a remote diode using a Delta-Sigma analog-to-digital con-
verter with a digital over-temperature detector. The LM82 ac-
curately senses its own temperature as well as the tempera-
ture of external devices, such as Pentium II® Processors or
diode connected 2N3904s. The temperature of any ASIC
can be detected using the LM82 as long as a dedicated di-
ode (semiconductor junction) is available on the die. Using
the SMBus interface a host can access the LM82’s registers
at any time. Activation of a T_CRIT_A output occurs when
any temperature is greater than a programmable comparator
limit, T_CRIT. Activation of an INT output occurs when any
temperature is greater than its corresponding programmable
comparator HIGH limit.
The host can program as well as read back the state of the
T_CRIT register and the 2 T_HIGH registers. Three state
logic inputs allow two pins (ADD0, ADD1) to select up to 9
SMBus address locations for the LM82. The sensor powers
up with default thresholds of 127˚C for T_CRIT and all
T_HIGHs. The LM82 is pin for pin and register compatible
with the LM84, Maxim MAX1617 and Analog Devices
ADM1021.
Features
n
Accurately senses die temperature of remote ICs, or
diode junctions
n
On-board local temperature sensing
n
SMBus and I
2C compatible interface, supports
SMBus 1.1 TIMEOUT
n
Two interrupt outputs: INT and T_CRIT_A
n
Register readback capability
n
7 bit plus sign temperature data format, 1 ˚C resolution
n
2 address select pins allow connection of 9 LM82s on a
single bus
Key Specifications
j Supply Voltage
3.0V to 3.6V
j Supply Current
0.8mA (max)
j Local Temp Accuracy (includes quantization error)
0˚C to +85˚C
±3.0˚C (max)
j Remote Diode Temp Accuracy (includes quantization
error)
+25˚C to +100˚C
±3˚C (max)
0˚C to +125˚C
±4˚C (max)
Applications
n
System Thermal Management
n
Computers
n
Electronic Test Equipment
n
Office Electronics
n
HVAC
Simplified Block Diagram
SMBus™ is a trademark of the Intel Corporation.
Pentium II® is a registered trademark of the Intel Corporation.
I2C® is a registered trademark of the Philips Corporation.
DS101297-1
January 2000
© 2000 National Semiconductor Corporation
DS101297
www.national.com


Similar Part No. - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 TI2-LM82 Datasheet
1Mb / 26P
LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
REVISED MARCH 2013
logo
Shanghai Leiditech Elec...
LM8205D LEIDITECH-LM8205D Datasheet
853Kb / 4P
Dual N-Channel 20V,SOT-26 M0SFET
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results

Similar Description - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM83 NSC-LM83 Datasheet
331Kb / 20P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com