Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSC31050FEC Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSC31050FEC
Description  Advanced Differential Sensor Signal Conditioner
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31050FEC Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSC31050FEC Datasheet HTML 17Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 18Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 19Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 20Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 21Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 22Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 23Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 24Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ZSC31050 Datasheet
© 2017 Integrated Device Technology, Inc.
21
February 13, 2017
2.6 Voltage Regulator
For 3V to 5V (±10%) ratiometric output applications, the external supply voltage can be used for sensor element biasing. If an absolute
analog output is required, then the internal voltage regulator with an external power regulation element (JFET) can be used. The regulation is
bandgap-reference-based and designed for an external supply voltage VSUPP in the range of 7V to 48V DC. The internal supply and sensor
bridge voltage can be varied between 3V and 5.5V in four steps with the voltage regulator as determined by a configuration word in
EEPROM.
2.7 Watchdog and Error Detection
The ZSC31050 detects various possible errors. A detected error is signaled by changing to a diagnostic mode. In this case, the analog output
is set to the high or low level (maximum or minimum possible output value) depending on the error and the output registers of the digital serial
interface are set to a correlated error code.
A watchdog continuously monitors the operation of the CMC and the progress of the measurement loop.
A continuous check of the sensor bridge for broken wires is done by two comparators monitoring the input voltage of each input [(VSSA +
0.5V) to (VDDA – 0.5V)]. The common mode voltage of the sensor is continuously monitored to detect sensor aging.
Different functions and blocks in the digital section are continuously monitored, including the RAM, ROM, EEPROM, and register contents.
See section 1.3.4 in the ZSC31050 Functional Description for a detailed description of all monitored blocks and methods of indicating errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com