Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSC31050FEC Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSC31050FEC
Description  Advanced Differential Sensor Signal Conditioner
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31050FEC Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSC31050FEC Datasheet HTML 9Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 10Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 11Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 12Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 13Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 14Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 15Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 16Page - Integrated Device Technology ZSC31050FEC Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ZSC31050 Datasheet
© 2017 Integrated Device Technology, Inc.
13
February 13, 2017
The digital signal correction takes place in the calibration microcontroller (CMC). It is based on a special correction formula located in the
ROM and sensor-specific coefficients (stored in the EEPROM during calibration). Depending on the programmed output configuration, the
corrected sensor signal is output as an analog value, a PWM signal, or a digital value in the format of SPI, I2C, or ZACwire™. The output
signal is provided at two flexible I/O modules (FIO) and at the serial interface (SIF). The configuration data and the correction parameters can
be programmed into the EEPROM via the digital interfaces.
The modular circuit concept used in the design of the ZSC31050 allows fast customization of the IC for high-volume applications if needed.
Circuit blocks and functions can be added or removed, which can reduce the die size (see section 7 for more details).
2.2 Application Modes
For each application, a configuration set must be established (generally prior to calibration) by programming the on-chip EEPROM regarding
to the following modes:
Sensor channel
— Sensor mode: ratiometric voltage or current supply mode.
— Input range: the gain of the analog front end must be chosen with respect to the maximum sensor signal span, which also requires
adjusting the zero point of the ADC.
— Additional offset compensation, the Extended Zero-Point Compensation (XZC), must be enabled if required; e.g., if the sensor offset
voltage is close to or larger than the sensor span.
— Resolution/response time: The ADC must be configured for resolution and conversion settings (1st or 2nd order). These settings
influence the sampling rate, signal integration time, and, as a result, the noise immunity.
— Polarity of the sensor bridge inputs: this allows inverting the sensor bridge inputs
Analog output
— Choice of output type (voltage value, current loop, or PWM) for output register 1.
— Optional additional output register 2: PWM via IO1 pin or alarm out module via IO1 or IO2 pin.
Digital communication: The protocol and its parameters must be selected.
Temperature
— The temperature sensor type for the temperature correction must be chosen (only main channel (T1) is usable for correction).
— Optional: a secondary temperature sensor (T2) can be chosen as a second sensor output.
Supply voltage: For non-ratiometric output, the voltage regulation must be configured.
Note:
Not all possible combinations of settings are allowed (see section 2.5).
The calibration procedure must include establishing the coefficients for calibration calculation and the following steps depending on
configuration:
Adjustment of the extended offset compensation
Zero compensation of temperature measurement
Adjustment of the bridge current
Settings for the reference voltage if using the reference voltage
Settings for the thresholds and delays for the alarms if using the alarms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com