Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZOPT2202AC9R Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 15Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 16Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 17Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 18Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 19Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 20Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 21Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 22Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
19
September 21, 2016
3.7
Interrupt Features
The ZOPT2202 can generate an interrupt signal on a user selectable sensor channel. Interrupts will be triggered if upper or lower threshold
values are crossed or if output count variation of consecutive conversions has exceeded a defined limit.
An interrupt can be indicated at the INT pin as an active low signal or via a status register flag. Interrupt conditions are always evaluated after
completion of a new conversion on the selected sensor channel.
The ls_int signal (output of LSIntGen in Figure 3.4) is also stored in the MAIN_STATUS register as the LS interrupt status (see section 3.10.5)
flag. The flag is cleared by reading the MAIN_STATUS register. A cleared LS interrupt status flag will also clear the interrupt signal on the INT
pin.
Figure 3.4 Interrupt Unit
ls_int_sel
IntUnit
ls_int
ls_int_en
LSIntGen
ls_thres_up
ls_thres_low
ls_thres_var
ls_persist
ls_var_mode
LSIntGen
0
1
ls_var_mode
ls_thres_up
ls_thres_low
ls_thres_var
ls_persist
+
-
-
+
+
-
|diff|
decode
ls_int
ls_data
INT pin
ls_data
read status reg
or
ls_init
ls_int_stat
persist
R
S
UVB2
00
01
10
11
UV_COMP
UVB CHANNEL
UVA CHANNEL
The interrupt is configured by the bits in the INT_CFG register (see section 3.10.11). The interrupt is enabled by setting the bit
LS_INT_EN = 1. It can function as either threshold-triggered (LS_VAR_MODE = 0) or variance-trigged (LS_VAR_MODE = 1).
The interrupt source generator is configurable to be one of the following input channels: UVA, UVB, UVB2, or UV_COMP. The interrupt
source is selected by the LS_INT_SEL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com