Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZOPT2202AC9R Datasheet(PDF) 28 Page - Integrated Device Technology

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 24Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 25Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 26Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 27Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 28Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 29Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 30Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 31Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
28
September 21, 2016
3.10.6 UVB2_DATA
Address
0AHEX and 0BHEX and 0CHEX
Default value
00HEX and 00HEX and 00HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
0AHEX
UVB2_DATA_0[7:0]
0BHEX
UVB2_DATA_1[15:8]
0CHEX
0
0
0
0
UVB2_DATA_2[19:16]
UVB2 channel digital output data (unsigned integer, 13 to 20 bit, LSB aligned).
Applied temperature and stray light compensation depends on operation mode. See section 3.4 for details.
When an I²C read operation is active and points to an address in the range 07HEX to 18HEX, all registers in this range are
locked until the I²C read operation is completed or this address range is left.
This guarantees that the data in the registers belongs to the same measurement cycle. New measurement data is
stored into temporary registers and the actual *_DATA registers are updated as soon as there is no on-going I²C read
operation in the address range 07HEX to 18HEX.
Register 0AHEX
Bit[7:0]
UVB2 diode data least significant data byte
Register 0BHEX
Bit[7:0]
UVB2 diode data intervening data byte
Register 0CHEX
Bit[3:0]
UVB2 diode data most significant data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com