Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9711 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM9711
Description  LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM9711 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 42Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 43Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 44Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Production Data
WM9711L
w
PD Rev 4.1 April 2004
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
IRQ INV
0
Inverts the IRQ signal (pin 45)
0: IRQ signal not inverted
1: IRQ signal inverted
58h
Additional
Functional
Control
1
WAKEEN
0
Enables GPIO wake-up
0: Disabled
1: Enabled
Table 30 Additional Functionality for GPIO Pins
POWER MANAGEMENT
The WM9711L includes the standard power down control register defined by the AC’97 specification
(register 26h). Additionally, it also allows more specific control over the individual blocks of the device
through register 24h. Each particular circuit block is ON when both the relevant bit in register 26h and
the relevant bit in register 24h are set to ‘0’.
DEFAULT
REGISTER
ADDRESS
BIT
LABEL
NORMAL
PIN 47 ‘HI’
DURING
RESET
DESCRIPTION
14
PR6
0 (ON)
1 (OFF)
Disables HPOUTL, HPOUTR and
OUT3 Buffer
13
PR5
0 (ON)
1 (OFF)
Disables internal clock
12
PR4
0 (ON)
1 (OFF)
Disables AC-link interface
(external clock off)
11
PR3
0 (ON)
1 (OFF)
Disables VREF, analogue mixers
and outputs
10
PR2
0 (ON)
1 (OFF)
Disables analogue mixers,
LOUT2, ROUT2 (but not VREF)
9
PR1
0 (ON)
1 (OFF)
Disables stereo DAC
8
PR0
0 (ON)
1 (OFF)
Disables audio ADCs and input
Mux
3
REF
1
0
Read-only bit, indicates VREF is
ready (inverse of PR2)
2
ANL
1
0
Read-only bit, indicates analogue
mixers are ready (inverse of PR3)
1
DAC
1
0
Read-only bit, indicates audio
DACs are ready (inverse of PR1)
26h
Powerdown/
Status
register
0
ADC
1
0
Read-only bit, indicates audio
ADCs are ready (inverse of PR0)
Table 31 Powerdown and Status Register (Conforms to AC’97 Rev 2.2)
As can be seen from the table above, most blocks are ‘ON’ by default. However, if pin 47
(GPIO4/ADA/MASK) is held high during reset, the WM9711L starts up with all blocks powered down
by default, saving power. This is achieved by connecting a pull-up resistor (e.g. 100k
Ω) from pin 47
to DBVDD. Note that the state of pin 47 during reset only affects register 26h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com