Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9711 Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM9711
Description  LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711 Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM9711 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 53Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 54Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 56Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 57Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
WM9711L
Production Data
w
PD Rev 4.1 April 2004
54
Register 1Ch controls the recording gain.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
RMU
1 (mute)
Mutes audio ADC input
14
GRL
0 (standard)
Selects gain range for PGA of left ADC. 0=0...+22.5dB in
1.5dB steps, 1=-17.25...+30dB in 0.75dB steps
13:8
RECVOLL
000000 (0dB)
Controls left ADC recording volume
7
ZC
0 (OFF)
Enables zero-cross detector
6
GRR
0 (standard)
Selects gain range for PGA of left ADC. 0=0...+22.5dB in
1.5dB steps, 1=-17.25...+30dB in 0.75dB steps
1Ch
5:0
RECVOLR
000000 (0dB)
Controls right ADC recording volume
Audio ADC,
Record Gain
Register 20h is a “general purpose” register as defined by the AC’97 specification. Only two bits are implemented in the
WM9711L.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
13
3DE
0 (OFF)
Enables 3D enhancement
Audio DACs, 3D Stereo
Enhancement
20h
7
LB
0 (OFF)
Enables loopback (i.e. feed ADC output data
directly into DAC)
Intel’s AC’97 Component
Specification, Revision 2.2, page 55
Register 22h controls 3D stereo enhancement for the audio DACs.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
3DLC
0 (low)
Selects lower cut-off frequency
4
3DUC
0 (high)
Selects upper cut-off frequency
22h
3:0
3DDEPTH
0000 (0%)
Controls depth of 3D effect
Audio DACs,
3D Stereo
Enhancement
Register 24h is for power management additional to the AC’97 specification. Note that the actual state of each circuit block
depends on both register 24h AND register 26h.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
PD15
0 *
Disables Crystal Oscillator
14
PD14
0 *
Disables left audio DAC
13
PD13
0 *
Disables right audio DAC
12
PD12
0 *
Disables left audio ADC
11
PD11
0 *
Disables right audio ADC
10
PD10
0 *
Disables MICBIAS
9
PD9
0 *
Disables left headphone mixer
8
PD8
0 *
Disables right headphone mixer
7
PD7
0 *
Disables speaker mixer
6
PD6
0 *
Disables MONO_OUT buffer (pin 33) and phone mixer
5
PD5
0 *
Disables OUT3 buffer (pin 37)
4
PD4
0 *
Disables headphone buffers (HPOUTL/R)
3
PD3
0 *
Disables speaker outputs (LOUT2, ROUT2)
2
PD2
0 *
Disables Line Input PGA (left and right)
1
PD1
0 *
Disables Phone Input PGA
24h
0
PD0
0 *
Disables Mic Input PGA (left and right)
Power
Management
* “0” corresponds to “ON”, if and only if the corresponding bit in register 26h is also 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com