Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT10.241 Datasheet(PDF) 20 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 20 Page - PULS GmbH

Back Button CT10.241 Datasheet HTML 14Page - PULS GmbH CT10.241 Datasheet HTML 15Page - PULS GmbH CT10.241 Datasheet HTML 16Page - PULS GmbH CT10.241 Datasheet HTML 17Page - PULS GmbH CT10.241 Datasheet HTML 18Page - PULS GmbH CT10.241 Datasheet HTML 19Page - PULS GmbH CT10.241 Datasheet HTML 20Page - PULS GmbH CT10.241 Datasheet HTML 21Page - PULS GmbH CT10.241 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
23.7. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of loads, including unlimited capacitive and inductive loads.
23.8. PARALLEL USE TO INCREASE OUTPUT POWER
CT10.241 power supplies can be paralleled to increase the output power.
This power supply can also be paralleled with power supplies from the
DIMENSION CT, QS or QT-series. The output voltage of all power supplies
shall be adjusted to the same value (±100mV) in “Single use” mode with the
same load conditions on all units, or the units can be left with the factory
settings. After the adjustments, the jumper on the front of the unit shall be
moved from “Single use” to “Parallel use”, in order to achieve load sharing.
The “Parallel use” mode regulates the output voltage in such a manner that
the voltage at no load is approx. 5% higher than at nominal load. See also
chapter 6. If no jumper is plugged in, the unit is in “Single use”. Factory
setting is “Single use” mode. A fuse (or diode) on the output of each unit is only required if more than three units are
connected in parallel. If a fuse (or circuit breaker) is used, choose one with approximately 150% of the rated output
current of the power supply. Keep an installation clearance of 15mm (left / right) between two power supplies and
avoid installing the power supplies on top of each other. Do not use power supplies in parallel in mounting
orientations other than the standard mounting orientation (input terminals on the bottom and output terminals on
top of the unit) or in any other condition where a derating of the output current is required (e.g. altitude, above 60°C,
…). Pay attention that leakage current, EMI, inrush current, harmonics will increase when using multiple power
supplies.
Unit B
-
+
Load
+
-
Fuse
Fuse
AC
DC
AC
DC
-
+
Unit A
23.9. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for redundancy to gain higher system availability. Redundant systems require a
certain amount of extra power to support the load in case one power supply unit fails. The simplest way is to put two
power supplies in parallel. This is called a 1+1 redundancy. In case one power supply unit fails, the other one is
automatically able to support the load current without any interruption. Redundant systems for a higher power
demand are usually built in a N+1 method. E.g. five power supplies, each rated for 10A are paralleled to build a 40A
redundant system. For N+1 redundancy the same restrictions apply as for increasing the output power, see also section
23.8.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit in
the secondary side of the power supply. In such a case, the defect unit becomes a load for the other power supplies
and the output voltage can not be maintained any more. This can only be avoided by utilizing decoupling diodes
which are included in the decoupling module YRM2.DIODE.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each power supply.
b)
Set the power supply into “Parallel Use”.
c)
Monitor the individual power supply units. A DC-ok lamp and a DC-ok contact are included in the redundancy
module YRM2.DIODE. This feature reports a faulty unit.
d)
It is desirable to set the output voltages of all units to the same value (± 100mV) or leave it at the factory setting.
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
20/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com