Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2196 Datasheet(PDF) 86 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 86 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 82Page - Dallas Semiconductor DS2196 Datasheet HTML 83Page - Dallas Semiconductor DS2196 Datasheet HTML 84Page - Dallas Semiconductor DS2196 Datasheet HTML 85Page - Dallas Semiconductor DS2196 Datasheet HTML 86Page - Dallas Semiconductor DS2196 Datasheet HTML 87Page - Dallas Semiconductor DS2196 Datasheet HTML 88Page - Dallas Semiconductor DS2196 Datasheet HTML 89Page - Dallas Semiconductor DS2196 Datasheet HTML 90Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
DS2196
86 of 157
15.
BERT FUNCTION
The BERT Block can generate and detect both pseudorandom and repeating bit patterns and it is used to
test and stress data communication links.
The BERT Block is capable of generating and detected the following patterns:
· The pseudorandom patterns 2E7, 2E11, 2E15, and QRSS
· A repetitive pattern from 1 to 32 bits in length
· Alternating (16-bit) words which flip every 1 to 256 words
· Daly pattern
The BERT receiver has a 32-bit Bit Counter and a 24-bit Error Counter. The BERT receiver will report
three events, a change in receive synchronizer status, a bit error being detected, and if either the Bit
Counter or the Error Counter overflows. Each of these events can be masked within the BERT function
via the BERT Control Register 1 (BC1). If the software detects that the BERT has reported an event has
occurred, then the software must read the BERT Information Register (BIR) to determine which event(s)
has occurred. To activate the BERT Block, the Host must configure the BERT mux via the BIC register
(see Figure 15-1).
The BERT INTERRUPT REQUEST (BIRQ) status bit located at ISR.6 will be set to a 1 if there is a
major change of state in the BERT receiver. A major change of state is defined as either a change in the
receive synchronization (i.e. the BERT has gone into or out of receive synchronization), a bit error has
been detected, or an overflow has occurred in either the Bit Counter or the Error Counter. The Host must
read the status bits of the BERT in the BERT Information Register (BIR) to determine the change of
state. The BIRQ bit will be cleared when read and will not be set again until the BERT has experienced
another change of state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com