Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3136BA2R Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSSC3136BA2R
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136BA2R Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSSC3136BA2R Datasheet HTML 2Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 3Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 4Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 5Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 6Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 7Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 8Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 9Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 22, 2016
1.3.
Electrical Parameters
All parameter values are valid under the operating conditions specified in section 1.2 (special definitions
excluded). All voltages referenced to VSSA.
Note: See important notes at the end of Table 1.3.
Table 1.3
Electrical Parameters
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1. Supply Current and System Operation Conditions
1.3.1.1
Supply current
IS
Without bridge and load
current, fOSC ≤ 3 MHz
5.5
mA
1.3.1.2
Oscillator frequency
1)
fOSC
Adjustment guaranteed for
whole temperature range
(TAMB_TQE)
2
3
4
MHz
1.3.2. Analog Front-End (AFE) Characteristics
1.3.2.1
Input span
VIN_SP
Analog gain: 105 to 2.8
8
275
mV/V
1.3.2.2
Parasitic differential input
offset current
1)
IIN_OFF
Temperature range
TAMB_TQE
-10
10
nA
Temperature range
TAMB_TQI
-2
2
nA
1.3.2.3
Common mode
input range
VIN_CM
Depends on gain adjust;
refer to section 2.3.1
0.29
0.65
VDDA
1.3.3. Temperature Measurement
(Refer to section 2.4.)
1.3.3.1
Internal temperature diode
sensitivity
STTSI
Raw values,
without conditioning
700
2700
ppm FS
/ K
1.3.3.2
External temperature diode
channel gain
ATSED
300
1300
ppm FS
/ (mV/V)
1.3.3.3
External temperature diode
bias current
ITSED
6
10
20
μA
1.3.3.4
External temperature diode
input range
1)
VTSED
0
1.5
V
1.3.3.5
External temperature
resistor channel gain
ATSER
1200
3500
ppm FS
/ (mV/V)
1.3.3.6
External temperature
resistor input range
1)
VTSER
0
600
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com