Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3136BA2R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSSC3136BA2R
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136BA2R Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSSC3136BA2R Datasheet HTML 1Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 2Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 3Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 4Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 5Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 6Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 7Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 8Page - Integrated Device Technology ZSSC3136BA2R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Sensor Signal Conditioner for
Safety Switch Applications
ZSSC3136
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 22, 2016
GND
OUT
VCC
Sensor
Module
ZSSC3136
Brief Description
The ZSSC3136 is a member of the ZSSC313x
family of CMOS integrated circuits for automotive/
industrial sensor applications. All family members
are well suited for highly accurate amplification and
sensor-specific correction of resistive bridge sensor
signals. An internal 16-bit RISC microcontroller
running a correction algorithm compensates sensor
offset, sensitivity, temperature drift, and non-linearity
of the connected sensor element. The required
calibration coefficients are stored by the one-pass
calibration procedure in an on-chip EEPROM.
The ZSSC3136 is optimized for SIL (Safety Integrity
Level) rated switch applications. The integrated
adjustable digital filter offers the possibility of setting
up fast switching real-time applications as well as
stabilized switching applications in the case of
disturbed or unstable input signals.
In addition to the general features for switch appli-
cations, the ZSSC3136 offers the capability to set up
safety-relevant SIL2 rated switches due to its
extended safety functionalities.
Features
• Analog gain of 105, maximum overall
gain of 420
• Sample rate: 200 Hz maximum
• ADC resolution: 13/14 bit
• External temperature sensor
• Safety functionalities: Calibration microcontroller,
sensor connection, analog front-end
• Adjustable to nearly all resistive bridge sensor
types
• Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
• Output options: ratiometric analog voltage output
(5 - 95% in maximum, 12.4 bit resolution) or
ZACwire
TM (digital One-Wire Interface (OWI))
• Sensor biasing by voltage
• High voltage protection up to 33 V
• Supply current: max. 5.5mA
• Reverse polarity and short circuit protection
• Wide operation temperature: -40 to +150°C
• Traceability by user-defined EEPROM entries
* Note: I
2C™ is a trademark of NXP.
** FSO = Full Scale Output.
Benefits
• Capability for setting up SIL level 2 applications
• Application-focused feature set
• No external trimming components required
• Only a few external protection devices needed
• PC-controlled configuration and one-pass/
end-of-line calibration via I²C™* or ZACwire
TM
interface: simple, cost-efficient, quick, and pre-
cise
• High accuracy (0.25% FSO** @ -25 to +85°C;
0.5% FSO @ -40 to +125°C)
• Optimized for automotive/ industrial environment
due to robust protection circuitries, excellent
electromagnetic compatibility and AEC-Q100
qualification
Available Support
•
Evaluation Kits
•
Application Notes
•
Mass Calibration System
Physical Characteristics
• Supply voltage 4.5 to 5.5 V
• Operation temperature: -40°C to +125°C
(-40°C to +150°C extended temperature range
depending on product version)
• Available in RoHS-compliant JEDEC-SSOP14
package or delivery as die
ZSSC3136 Minimum Application Requirements


Similar Part No. - ZSSC3136BA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
More results

Similar Description - ZSSC3136BA2R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3138 IDT-ZSSC3138 Datasheet
279Kb / 25P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC3138 RENESAS-ZSSC3138 Datasheet
424Kb / 26P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com