Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3136BA1C Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3136BA1C
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136BA1C Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3136BA1C Datasheet HTML 16Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 17Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 18Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 19Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 20Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 21Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 22Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 23Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 22, 2016
5
ESD Protection
All pins have an ESD protection of >2000V according to the Human Body Model (HBM). The pins VDDE, VSSE
and AOUT have an additional ESD protection of >4000V (HBM).
ESD protection is tested with devices in SSOP14 packages during product qualification. The ESD test follows the
Human Body Model with 1.5kOhm/100pF based on MIL 883, Method 3015.7.
6
Quality and Reliability
The ZSSC3136 is qualified according to the AEC-Q100 standard, operating temperature grade 0.
A fit rate <5fit (T=55°C, S=60%) is guaranteed. A typical fit rate of the semiconductor technology used is 2.5fit.
7
Customization
For high-volume applications that require an upgraded or downgraded functionality compared to the ZSSC3136,
IDT can customize the circuit design by adding or removing certain functional blocks.
Please contact IDT for further information.
8
Ordering Information
Product Sales Code
Description
Package
ZSSC3136BA2T
ZSSC3136 SSOP14 – temperature range -40 to +125 °C
Tube
ZSSC3136BA2R
ZSSC3136 SSOP14 – temperature range -40 to +125 °C
Reel
ZSSC3136BA1B
ZSSC3136 die – temperature range -40 to +125 °C
Tested dice on unsawn wafer
ZSSC3136BA1C
ZSSC3136 die – temperature range -40 to +125 °C
Tested dice on frame
ZSSC3136BE2T
ZSSC3136 SSOP14 – temperature range -40 to +150 °C
Tube
ZSSC3136BE2R
ZSSC3136 SSOP14 – temperature range -40 to +150 °C
Reel
ZSSC3136BE1B
ZSSC3136 die – temperature range -40 to +150 °C
Tested dice on unsawn wafer
ZSSC3136BE1C
ZSSC3136 die – temperature range -40 to +150 °C
Tested dice on frame
ZSSC313xKITV1.1
ZSSC313x Evaluation Kit, revision 1.1, including Evaluation
Board, ZSSC3136 IC samples, USB cable (software can be
downloaded from the product page www.IDT.com/ZSSC3136)
Kit
ZSSC313x Mass
Calibration System V1.1
Modular Mass Calibration System (MSC) for ZSSC313x
including MCS boards, cable, connectors (software can be
downloaded from the product page www.IDT.com/ZSSC3136)
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com