Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3136BA1C Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3136BA1C
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136BA1C Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3136BA1C Datasheet HTML 9Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 10Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 11Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 12Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 13Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 14Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 15Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 16Page - Integrated Device Technology ZSSC3136BA1C Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 22, 2016
2.3.4.
Analog-to-Digital Converter
The A/D converter is implemented using full-differential switched-capacitor technique.
Programmable ADC resolutions are rADC=<13, 14>bit.
The A/D conversion is integrating, inherently monotone, and insensitive to short and long term instability of the
clock frequency. The conversion time tADC depends on the desired resolution and can be roughly calculated by
equation (1):
=
2
f
2
t
OSC
r
ADC
ADC
(1)
Where
rADC
Resolution of A/D conversion
fOSC
Frequency of internal oscillator (refer to 1.3.1)
Refer to the ZSSC313x Bandwidth Calculation Sheet for a detailed calculation of sampling time and bandwidth.
The result of the A/D conversion is a relative counter result Z corresponding to the following equation:
)
RS
V
V
(
2
Z
ADC_REF
ADC_DIFF
rADC
−
⋅
=
(2)
Where
rADC
Resolution of A/D conversion
VADC_DIFF
Differential ADC input voltage
VADC_REF
ADC reference voltage (VVBR_T-VVBR_B or VVDDA-VVSSA, if BRREF=1)
RS
Digital ADC Range Shift (RS = 1/16, 1/8, 1/4, 1/2; controlled by the EEPROM contents)
With the RS value, a sensor input signal can be shifted in the optimal input range of the ADC.
The condition required for ensuring the specified accuracy, stability, and non-linearity parameters of the analog
front-end is that the differential ADC input voltage VADC_DIFF does not exceed the range of 10% to 90% of the ADC
reference voltage VADC_REF. This requirement must be met for the whole temperature range and for all sensor
tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com