Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3475 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3475
Description  Hysteretic PFET Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3475 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3475 Datasheet HTML 1Page - National Semiconductor (TI) LM3475 Datasheet HTML 2Page - National Semiconductor (TI) LM3475 Datasheet HTML 3Page - National Semiconductor (TI) LM3475 Datasheet HTML 4Page - National Semiconductor (TI) LM3475 Datasheet HTML 5Page - National Semiconductor (TI) LM3475 Datasheet HTML 6Page - National Semiconductor (TI) LM3475 Datasheet HTML 7Page - National Semiconductor (TI) LM3475 Datasheet HTML 8Page - National Semiconductor (TI) LM3475 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3V to 16V
PGATE
−0.3V to 16V
FB
−0.3V to 5V
EN
−0.3V to 16V
Storage Temperature
−65˚C to 150˚C
Power Dissipation (Note 2)
440mW
ESD Susceptibilty
Human Body Model (Note 3)
2.5kV
Lead Temperature
Vapor Phase (60 sec.)
Infared (15 sec.)
215˚C
220˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 10V
Operating Junction
Temperature
−40˚C to +125˚C
Electrical Characteristics
Specifications in Standard type face are for T
J = 25˚C, and in bold type face apply over the full Operating Temperature
Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN = EN = 5.0V. Datasheet min/max specification limits are guar-
anteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
Q
Quiescent Current
EN = V
IN (PGATE
Open)
170
260
320
µA
EN=0V
4
7
10
V
FB
Feedback Voltage
0.788
0.8
0.812
V
%
∆V
FB/
∆V
IN
Feedback Voltage
Line Regulation
2.7V < V
IN < 10V
0.01
%/V
V
HYST
Comparator
Hysteresis
2.7V < V
IN < 10V
−40˚C to +125˚C
21
21
28
32
mV
I
FB
FB Bias Current
50
600
nA
Vth
EN
Enable Threshold
Voltage
Increasing
1.2
1.5
1.8
V
Hysteresis
365
mV
I
EN
Enable Leakage
Current
EN = 10V
.025
1
µA
R
PGATE
Driver Resistance
Source
I
SOURCE = 100mA
2.8
Ω
Sink
I
Sink = 100mA
1.8
I
PGATE
Driver Output Current
Source
V
PGATE = 3.5V
C
PGATE = 1nF
0.475
A
Sink
V
PGATE = 3.5V
C
PGATE = 1nF
1.0
T
SS
Soft-Start Time
2.7V < V
IN < 10V
(EN Rising)
4ms
T
ONMIN
Minimum On-Time
PGATE Open
180
ns
V
UVD
Under Voltage
Detection
Measured at the FB
Pin
0.487
0.56
0.613
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com