Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3475 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3475
Description  Hysteretic PFET Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3475 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3475 Datasheet HTML 1Page - National Semiconductor (TI) LM3475 Datasheet HTML 2Page - National Semiconductor (TI) LM3475 Datasheet HTML 3Page - National Semiconductor (TI) LM3475 Datasheet HTML 4Page - National Semiconductor (TI) LM3475 Datasheet HTML 5Page - National Semiconductor (TI) LM3475 Datasheet HTML 6Page - National Semiconductor (TI) LM3475 Datasheet HTML 7Page - National Semiconductor (TI) LM3475 Datasheet HTML 8Page - National Semiconductor (TI) LM3475 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM3475
Hysteretic PFET Buck Controller
General Description
The LM3475 is a hysteretic P-FET buck controller designed
to support a wide range of high efficiency applications in a
very small SOT23-5 package. The hysteretic control scheme
has several advantages, including simple system design
with no external compensation, stable operation with a wide
range of components, and extremely fast transient re-
sponse. Hysteretic control also provides high efficiency op-
eration, even at light loads. The PFET architecture allows for
low component count as well as 100% duty cycle and ultra-
low dropout operation.
Features
n
Easy to use control methodology
n
0.8V to V
IN adjustable output range
n
High Efficiency (90% typical)
n ±
0.9% (±1.5% over temp) feedback voltage
n
100% duty cycle capable
n
Maximum operating frequency up to 2MHz
n
Internal Soft-Start
n
Enable pin
n
SOT23-5 package
Applications
n
TFT Monitor
n
Auto PC
n
Vehicle Security
n
Navigation Systems
n
Notebook Standby Supply
n
Battery Powered Portable Applications
n
Distributed Power Systems
Typical Application Circuit
20070101
October 2004
© 2004 National Semiconductor Corporation
DS200701
www.national.com


Similar Part No. - LM3475

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3475 TI1-LM3475 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
LM3475 TI2-LM3475 Datasheet
877Kb / 26P
LM3475 Hysteretic PFET Buck Controller
REVISED OCTOBER 2015
LM3475MF TI1-LM3475MF Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
LM3475MF/NOPB TI1-LM3475MF/NOPB Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results

Similar Description - LM3475

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
LM3485 Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
LM3475 Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com