Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4851-1WYRJZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4851-1WYRJZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1WYRJZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4851-1WYRJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 10Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 7 of 24
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = +1.1 V, −0.1 V, G = +5
60/70
ns
Output Voltage Swing
0.09 to 4.91
0.06 to 4.94
V
ADA4851-1W/2W/4W only: TMIN to TMAX
0.11 to 4.89
V
Linear Output Current
1% THD with 1 MHz, VOUT = 2 V p-p
66
mA
Short-Circuit Current
Sinking/sourcing
110/90
mA
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
2.5
2.8
mA
ADA4851-1W/2W/4W only: TMIN to TMAX
2.8
mA
Quiescent Current (Power-Down)
POWER DOWN = low
0.2
0.3
mA
ADA4851-1W only: TMIN to TMAX
0.3
mA
Positive Power Supply Rejection
+VS = +5 V to +6 V, −VS = 0 V
−82
−101
dB
ADA4851-1W/2W/4W only: TMIN to TMAX
−82
dB
Negative Power Supply Rejection
+VS = +5 V, −VS = −0 V to −1 V
−81
−101
dB
ADA4851-1W/2W/4W only: TMIN to TMAX
−81
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com