| Electronic Components Datasheet Search |
|
ADA4851-1WYRJZ-R7 Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4851-1WYRJZ-R7 Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 24 page ![]() ADA4851-1/ADA4851-2/ADA4851-4 Rev. J | Page 10 of 24 ABSOLUTE MAXIMUM RATINGS PD = Quiescent Power + (Total Drive Power − Load Power) Table 4. Parameter Rating Supply Voltage 12.6 V Power Dissipation See Figure 5 Common-Mode Input Voltage −VS − 0.5 V to +VS + 0.5 V Differential Input Voltage +VS to −VS Storage Temperature Range −65°C to +125°C Operating Temperature Range −40°C to +125°C Lead Temperature JEDEC J-STD-20 Junction Temperature 150°C () L OUT L OUT S S S D R V R V V I V P 2 – 2 ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ × + × = RMS output voltages should be considered. If RL is referenced to −VS, as in single-supply operation, the total drive power is VS × IOUT. If the rms signal levels are indeterminate, consider the worst case, when VOUT = VS/4 for RL to midsupply. () ( ) L S S S D R V I V P 2 4 / + × = Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. In single-supply operation with RL referenced to −VS, the worst case is VOUT = VS/2. Airflow increases heat dissipation, effectively reducing θJA. In addition, more metal directly in contact with the package leads and through holes under the device reduces θJA. Figure 5 shows the maximum safe power dissipation in the package vs. the ambient temperature for the 6-lead SOT-23 (170°C/W), the 8-lead MSOP (150°C/W), and the 14-lead TSSOP (120°C/W) on a JEDEC standard 4-layer board. θJA values are approximations. THERMAL RESISTANCE θJA is specified for the worst-case conditions; that is, θJA is specified for device soldered in circuit board for surface-mount packages. 0 2.0 –55 125 AMBIENT TEMPERATURE ( °C) 1.5 1.0 0.5 –45 –35 –25 –15 –5 5 15253545 55657585 95 105 115 SOT-23-6 TSSOP MSOP Table 5. Thermal Resistance Package Type θJA Unit 6-lead SOT-23 170 °C/W 8-lead MSOP 150 °C/W 14-lead TSSOP 120 °C/W Maximum Power Dissipation The maximum safe power dissipation for the ADA4851-1/ ADA4851-2/ADA4851-4 is limited by the associated rise in junction temperature (TJ) on the die. At approximately 150°C, which is the glass transition temperature, the plastic changes its properties. Even temporarily exceeding this temperature limit may change the stresses that the package exerts on the die, permanently shifting the parametric performance of the amplifiers. Exceeding a junction temperature of 150°C for an extended period can result in changes in silicon devices, potentially causing degradation or loss of functionality. Figure 5. Maximum Power Dissipation vs. Temperature for a 4-Layer Board ESD CAUTION The power dissipated in the package (PD) is the sum of the quiescent power dissipation and the power dissipated in the die due to the drive of the amplifier at the output. The quiescent power is the voltage between the supply pins (VS) times the quiescent current (IS). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |