Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98501CCVBH Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501CCVBH
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501CCVBH Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM98501CCVBH Datasheet HTML 12Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 13Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 14Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 15Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 16Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 17Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 18Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 19Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
System Overview (Continued)
COLOR FILTER ARRAY (CFA) CONFIGURATION
In order to utilize the LM98501’s programmable pixel-rate
gain, a color filter array (CFA) pattern must be defined. Some
commonly used CFA patterns are as follows:
Bayer Pattern
Line 0
Green
Red
Green
Red
Line 1
Blue
Green
Blue
Green
CMYG Pattern
Line 0
Cyan
Magenta
Yellow
Green
Line 1
Cyan
Green
Yellow
Magenta
Therefore, two 8-bit words must be written to the CFA line
registers to specify the CFA pattern being used. Also, two
2-bit numbers must be written to the CFA definition register
indicating the number of pixels per pattern in each line of the
defined CFA pattern. The information contained in the CFA
line registers indicates the registers where the respective
PGA gain and offset values are stored. For example, a sys-
tem using the Bayer pattern defined above would first write
four PGA gains and their respective offsets into the four PGA
gain and four analog offset registers. Next, two 8-bit words
(one word/CFA line) would be written to the CFA configura-
tion registers. The 8-bit CFA configuration words each con-
sist of four 2-bit numbers, each of which is the address for
the gain and offset values of the color that appears in that lo-
cation in the CFA line. Finally, two 2-bit numbers specifying
the number of elements in each CFA line must be written into
the CFA definition register. A CFA configuration will then con-
tain four 2-bit numbers indicating the registers where the
gain and offset values are located for a maximum of four col-
ors on each CFA line. In addition, the CFA definition register
will contain two 2-bit numbers that designate the number of
elements used in each CFA line for the particular CFA pat-
tern being applied to the system.
Example A contains a CFA pattern that repeats the colors
cyan and magenta on the first line, and repeats the pattern
blue, green, green, blue on the second line. Each 2-bit num-
ber in the CFA line registers refers to a common set of PGA
gain and offset registers for each color. The first line indi-
cates that the color magenta uses the gain and offset values
stored in PGA gain register 1 (address 1h) and analog offset
register 1 (address 5h). Also, the first line indicates that the
color cyan uses the gain and offset values in PGA gain reg-
ister 2 (address 2h) and analog offset register 2 (address
6h). The second line indicates gain and offset values for the
color blue and the color green in the same fashion as the first
line.
Example A
70
CFA Line 0
XX
XX
01
10
CFA Line 1
11
00
00
11
CFA Definition
00
00
11
01
In addition to specifying the gain and offset for each line, it is
also necessary to specify the number of elements contained
in each CFA line’s pixel pattern. The CFA definition register is
used to store this value (number of elements per line). In ex-
ample A, the user has stored the 2-bit binary number 01 into
the CFA definition register’s two LSB’s indicating that the
pattern in line 0 contains two repeating colors or elements.
Also, the 2-bit binary number 11 has been written into bit 2
and bit 3 of the CFA definition register indicating that the re-
spective CFA pattern contains four repeating colors or ele-
ments, as the colors blue and green alternate position in the
example pattern.
Once both lines for the pattern have been stored, it is applied
when the beginning of line (BOL) signal is asserted by the
user. One line of the CFA pattern is applied repeatedly until
the BOL signal is reset (at the end of the current line). Once
the BOL signal is set again, the CFA line information is
changed from that defined by the CFA line 0 register to that
defined by the CFA line 1 register and the process starts
again. For more details of the timing of the BOL signal,
please refer to
Figure 6.
SOFTWARE CONTROL
There are two software control registers accessible via the
serial interface. The software control registers are divided
into customer (register 0) and advanced (register 1) func-
tions. Please refer to the register data descriptions for more
information on the software control registers.
POWER LEVEL CONTROL
The LM98501 is equipped with two power trim registers that
may be used to adjust power levels of various circuits inter-
nal to the device. In its default condition, the LM98501 is set
for optimum power and performance, and modifying the val-
ues stored in the power level control registers will affect per-
formance as a result of the change in power level(s). In ap-
plications where maximum performance is desired, the
default values should be used. Otherwise, power levels may
be decreased at the slight expense of performance. Please
refer to the register data descriptions for more information
regarding the power level control registers.
The ADC coarse and fine bank power adjustment bits are lo-
cated in the power level control 2 register, bits 7:4. Altering
these bits may significantly affect performance and power
dissipation. Please see “DNL vs. Power Control Setting @
27 MHz Clock Frequency” and “Power Dissipation vs. Power
Control Setting” on page 11.
DS101292-37
FIGURE 11. ADC Output vs. Black Level Register Value
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com