Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98501CCVBH Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501CCVBH
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501CCVBH Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM98501CCVBH Datasheet HTML 16Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 17Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 18Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 19Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 20Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 21Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 22Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 23Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Serial Interface Timing Specifications
The following specifications apply AV+ = DV+ = DV + I/O = +3.0V, C
L = 10 pF, and fCLK = 27 MHz unless otherwise noted.
Boldface limits apply for T
A = TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
t
MIN
SCLK Period
36
ns
SCLK Duty Cycle
40/60
50/50
60/40
%
SCLK Rise/Fall Time
4ns
t
IH
Input Hold Time
5
ns
t
IS
Input Setup Time
6
ns
t
CESC
SCLK Start Time after CE Low
10
ns
t
SCCE
CE Low after Last SCLK Rising
Edge
5ns
t
CEW
CE Pulse Width
MCLK must be active during serial
interface commands.
2T
CLK
t
DCE
Input Data to CE Rising Edge
15
t
MIN
t
OD
Output Delay Time
15
ns
Serial Interface Timing
DS101292-12
1Serial output enable must be set in software control 0 for SO DATA output. Please see Register Data section for more information.
FIGURE 13. Serial Interface Read Command Timing
DS101292-13
1Serial output enable must be set in software control 0 for SO DATA output. Please see Register Data section for more information.
FIGURE 14. Serial Interface Write Command Timing
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com