Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5443EB Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD5443EB
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5443EB Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD5443EB Datasheet HTML 1Page - Analog Devices EVAL-AD5443EB Datasheet HTML 2Page - Analog Devices EVAL-AD5443EB Datasheet HTML 3Page - Analog Devices EVAL-AD5443EB Datasheet HTML 4Page - Analog Devices EVAL-AD5443EB Datasheet HTML 5Page - Analog Devices EVAL-AD5443EB Datasheet HTML 6Page - Analog Devices EVAL-AD5443EB Datasheet HTML 7Page - Analog Devices EVAL-AD5443EB Datasheet HTML 8Page - Analog Devices EVAL-AD5443EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD5426/AD5432/AD5443–SPECIFICATIONS1
(VDD = 3 V to 5.5 V, VREF = 10 V, IOUTx = O V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured with OP177, AC
performance with AD8038, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5426
Resolution
8
Bits
Relative Accuracy
±0.25 LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
AD5432
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5443
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
–1/+2
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temperature Coefficient
2
±5
ppm FSR/
°C
Output Leakage Current
±5nA
Data = 0x0000, TA = 25
°C, I
OUT
±25
nA
Data = 0x0000, IOUT
REFERENCE INPUT
2
Reference Input Range
±10
V
VREF Input Resistance
8
10
12
k
Ω
Input resistance TC = –50 ppm/
°C
RFB Resistance
8
10
12
k
Ω
Input resistance TC = –50 ppm/
°C
Input Capacitance
Code All 0s
3
6
pF
Code All 1s
5
8
pF
DIGITAL INPUTS/OUTPUT
2
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.6
V
Input Leakage Current, IIL
2
A
Input Capacitance
4
10
pF
VDD = 4.5 V to 5.5 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 A
Output High Voltage, VOH
VDD – 1
V
ISOURCE = 200 A
VDD = 3 V to 3.6 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 A
Output High Voltage, VOH
VDD – 0.5
V
ISOURCE = 200 A
DYNAMIC PERFORMANCE
2
Reference Multiplying Bandwidth
10
MHz
VREF =
±3.5 V; DAC loaded all 1s
Output Voltage Settling Time
VREF = 10 V; RLOAD = 100
Ω, C
LOAD = 15 pF
AD5426
50
100
ns
Measured to
±16 mV of full scale
AD5432
55
110
ns
Measured to
±4 mV of full scale
AD5443
90
160
ns
Measured to
± 1 mV of full scale
Digital Delay
40
75
ns
Interface Delay Time
10% to 90% Rise/Fall Time
15
30
ns
Rise and fall time, VREF = 10 V, RLOAD = 100
Ω
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
DAC latch loaded with all 0s. VREF =
±3.5 V
70
dB
1 MHz
48
dB
10 MHz
Output Capacitance
IOUT22225pF
All 0s loaded
10
12
pF
All 1s loaded
IOUT11217pF
All 0s loaded
25
30
pF
All 1s loaded
Digital Feedthrough
0.1
nV-s
Feedthrough to DAC output with
SYNC high and
alternate loading of all 0s and all 1s
Total Harmonic Distortion
–81
dB
VREF = 3.5 V pk-pk; all 1s loaded, f = 1 kHz
Digital THD Clock = 1 MHz
50 kHz fOUT
73
dB
Output Noise Spectral Density
25
nV/
√Hz
@ 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com