Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5443EB Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD5443EB
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5443EB Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD5443EB Datasheet HTML 16Page - Analog Devices EVAL-AD5443EB Datasheet HTML 17Page - Analog Devices EVAL-AD5443EB Datasheet HTML 18Page - Analog Devices EVAL-AD5443EB Datasheet HTML 19Page - Analog Devices EVAL-AD5443EB Datasheet HTML 20Page - Analog Devices EVAL-AD5443EB Datasheet HTML 21Page - Analog Devices EVAL-AD5443EB Datasheet HTML 22Page - Analog Devices EVAL-AD5443EB Datasheet HTML 23Page - Analog Devices EVAL-AD5443EB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD5426/AD5432/AD5443
–21–
Overview of AD54xx Devices
Part No.
Resolution
No. DACs
INL
tS max
Interface
Package
Features
AD5403
*
82
±0.25 60 ns
Parallel
CP-40
10 MHz Bandwidth,
10 ns
CS Pulse Width,
4-Quadrant Multiplying Resistors
AD5410
*
81
±0.25 100 ns
Serial
RU-16
10 MHz Bandwidth, 50 MHz Serial,
4-Quadrant Multiplying Resistors
AD5413
*
82
±0.25 100 ns
Serial
RU-24
10 MHz Bandwidth, 50 MHz Serial,
4-Quadrant Multiplying Resistors
AD5424
8
1
±0.25 60 ns
Parallel
RU-16, CP-20 10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5425
8
1
±0.25 100 ns
Serial
RM-10
Byte Load, 10 MHz Bandwidth,
50 MHz Serial
AD5426
8
1
±0.25 100 ns
Serial
RM-10
10 MHz Bandwidth, 50 MHz Serial
AD5428
8
2
±0.25 60 ns
Parallel
RU-20
10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5429
8
2
±0.25 100 ns
Serial
RU-10
10 MHz Bandwidth, 50 MHz Serial
AD5450
8
1
±0.25 100 ns
Serial
RJ-8
10 MHz Bandwidth, 50 MHz Serial
AD5404
*
10
2
±0.5
70 ns
Parallel
CP-40
10 MHz Bandwidth,
17 ns
CS Pulse Width,
4-Quadrant Multiplying Resistors
AD5411
*
10
1
±0.5
110 ns
Serial
RU-16
10 MHz Bandwidth, 50 MHz Serial,
4-Quadrant Multiplying Resistors
AD5414
*
10
2
±0.5
110 ns
Serial
RU-24
10 MHz Bandwidth, 50 MHz Serial,
4-Quadrant Multiplying Resistors
AD5432
10
1
±0.5
110 ns
Serial
RM-10
10 MHz Bandwidth, 50 MHz Serial
AD5433
10
1
±0.5
70 ns
Parallel
RU-20, CP-20 10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5439
10
2
±0.5
110 ns
Serial
RU-16
10 MHz Bandwidth, 50 MHz Serial
AD5440
10
2
±0.5
70 ns
Parallel
RU-24
10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5451
10
1
±0.25 110 ns
Serial
RJ-8
10 MHz Bandwidth, 50 MHz Serial
AD5405
12
2
±1
120 ns
Parallel
CP-40
10 MHz Bandwidth,
17 ns
CS Pulse Width,
4-Quadrant Multiplying Resistors
AD5412
*
12
1
±1
160 ns
Serial
RU-16
10 MHz Bandwidth, 50 MHz Serial,
4-Quadrant Multiplying Resistors
AD5415
12
2
±1
160 ns
Serial
RU-24
10 MHz Bandwidth, 50 MHz Serial,
4-Quadrant Multiplying Resistors
AD5443
12
1
±1
160 ns
Serial
RM-10
10 MHz Bandwidth, 50 MHz Serial
AD5444
12
1
±0.5
160 ns
Serial
RM-10
10 MHz Bandwidth, 50 MHz Serial
AD5445
12
1
±1
120 ns
Parallel
RU-20, CP-20 10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5446
14
1
±2
180 ns
Serial
RM-10
10 MHz Bandwidth, 50 MHz Serial
AD5447
12
2
±1
120 ns
Parallel
RU-24
10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5449
12
2
±1
160 ns
Serial
RU-16
10 MHz Bandwidth,
17 ns
CS Pulse Width
AD5452
12
1
±0.5
160 ns
Serial
RJ-8, RM-8
10 MHz Bandwidth, 50 MHz Serial
AD5453
14
1
±2
180 ns
Serial
RJ-8, RM-8
10 MHz Bandwidth, 50 MHz Serial
*Future parts, contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com