Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS7410-CQ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS7410-CQ
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CQ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS7410-CQ Datasheet HTML 3Page - Cirrus Logic CS7410-CQ Datasheet HTML 4Page - Cirrus Logic CS7410-CQ Datasheet HTML 5Page - Cirrus Logic CS7410-CQ Datasheet HTML 6Page - Cirrus Logic CS7410-CQ Datasheet HTML 7Page - Cirrus Logic CS7410-CQ Datasheet HTML 8Page - Cirrus Logic CS7410-CQ Datasheet HTML 9Page - Cirrus Logic CS7410-CQ Datasheet HTML 10Page - Cirrus Logic CS7410-CQ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
CS7410
DS553PP1
7
1.1.4
DC CHARACTERISTICS
(TA= 25°C; VDD_PLL=VDD_CORE=1.8V±10%, VDD_IO=3.3V±10%)
1.1.4.1
SDRAM Interface
Symbol
Description
Min
Typ
Max
Unit
tmper
DR_CKO Period
22
ns
tmco
Output Delay from DR_CKO active edge
19
ns
tmdow
M_D[15:0] delay from DR_CKO
19
ns
tmhw
M_D[15:0] valid time after DR_CKO
5
ns
tmsur
M_D[15:0] setup to DR_CKO
13
ns
tmhr
M_D[15:0] hold time after DR_CKO
0
ns
Table 1. SDRAM Characterization Data
DR_CKO
DR_RAS_L
DR_CAS_L
M_A
M_D
(write)
M_WE_L
t
mper
t
mdow
M_D
(read)
t
msur
t
mhr
t
mhw
t
mco
Figure 1. SDRAM Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com