Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS7410-CQ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7410-CQ
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CQ Datasheet(HTML) 5 Page - Cirrus Logic

  CS7410-CQ Datasheet HTML 1Page - Cirrus Logic CS7410-CQ Datasheet HTML 2Page - Cirrus Logic CS7410-CQ Datasheet HTML 3Page - Cirrus Logic CS7410-CQ Datasheet HTML 4Page - Cirrus Logic CS7410-CQ Datasheet HTML 5Page - Cirrus Logic CS7410-CQ Datasheet HTML 6Page - Cirrus Logic CS7410-CQ Datasheet HTML 7Page - Cirrus Logic CS7410-CQ Datasheet HTML 8Page - Cirrus Logic CS7410-CQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
CS7410
DS553PP1
5
1. CHARACTERISTICS AND SPECIFICATIONS
1.1
AC AND DC PARAMETRIC SPECIFICATIONS
(AGND, DGND=0V, all voltages with respect to 0V)
1.1.1
Absolute Maximum Rating
CAUTION: Operating beyond these Minimum and Maximum limits can result in permanent damage to
the device. Cirrus Logic recommends that CS7410 devices operate at the settings described in the next ta-
ble.
1.1.2
RECOMMENDED OPERATING CONDITIONS
1.1.3
Electrical Specifications
(TA = 0 to 70 oC)
Symbol
Description
Min.
Max.
Unit
VDDIO
Power Supply Voltage on I/O ring
-0.5
4.6
Volts
VDDCORE
Power Supply Voltage on core logic and PLL
-0.5
2.5
Volts
VI
Digital Input Applied Voltage (power applied)
-0.5
5.5
Volts
II
Digital Input Forced Current
-10
10
mA
IO
Digital Output Forced Current
-50
50
mA
TSOL
Lead Soldering Temperature
260
oC
TVSOL
Vapor Phase Soldering Temperature
235
oC
TSTOR
Storage Temperature (no power applied)
-40
125
oC
TAMB
Ambient Temperature (power applied)
0
70
oC
PTOT
Power consumption
1
W
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage, IO
VDD
3.0
3.3
3.6
Volts
Supply Voltage, core and PLL
VDD
1.62
1.8V
1.98
Volts
Ambient Temperature (power applied)
TAMB
0
25
70
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Supply Current, IO
IDD
Normal Operating
13
mA
Supply Current, core and PLL
IDD
Normal Operating
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com