Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F211AF104K063C Datasheet(PDF) 1 Page - Kemet Corporation

Part # F211AF104K063C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104K063C Datasheet(HTML) 1 Page - Kemet Corporation

  F211AF104K063C Datasheet HTML 1Page - Kemet Corporation F211AF104K063C Datasheet HTML 2Page - Kemet Corporation F211AF104K063C Datasheet HTML 3Page - Kemet Corporation F211AF104K063C Datasheet HTML 4Page - Kemet Corporation F211AF104K063C Datasheet HTML 5Page - Kemet Corporation F211AF104K063C Datasheet HTML 6Page - Kemet Corporation F211AF104K063C Datasheet HTML 7Page - Kemet Corporation F211AF104K063C Datasheet HTML 8Page - Kemet Corporation F211AF104K063C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
1
One world. One KEMET
Benefits
• Voltage range: 50 – 400 VDC; 30 – 200 VAC
• Capacitance range: 0.001 – 22 µF
• Lead spacing: 5 – 27.5 mm
• Capacitance tolerance: ±10%, ±20%, ±2.5% and ±5%
on request
• Climatic category: 55/150/56, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Categorytemperaturerange−55to+150°C
• Ratedtemperature+125°C
Overview
TheSMRSeriesisametallizedpolyphenylenesulfidefilm
capacitor with vacuum-evaporated aluminum electrodes.
Radial leads of tinned wire are electrically welded to the
contact metal layer on the ends of the capacitor winding.
The capacitor is encapsulated in self-extinguishing material
meeting the requirements of UL 94 V–0.
Applications
Typical applications include automotive and other
applications with high ambient temperatures, as well as
those requiring high stability and low losses. The capacitor
offers excellent sound quality in audio applications.
General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film,
+150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Legacy Part Number System
SMR
5
104
K
50
J01
L4
BULK
Series
Lead Spacing
(mm)
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Size Code
Lead Length
Packaging
Metallized PPS 5 = 5.0
7.5 = 7.5
10 = 10.0
15 = 15.0
22.5 = 22.5
27.5 = 27.5
First two digits indicate
thetwomostsignificant
digits of the capacitance
value in picofarads. The
third digit is the number of
following zeros.
H = ±2.5%
J = ±5%
K = ±10%
M = ±20%
50 = 50
63 = 63
100 = 100
250 = 250
400 = 400
See
Dimension
Table
Letter "L"
followed by
lead length in
mm
See Ordering
Options Table
New KEMET Part Number System
F
211
J
F
104
K
050
C
Capacitor Class
Series
Lead Spacing
(mm)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Packaging
F = Film
Metallized
PPS
J = 5.0
K = 7.5
A = 10.0
B = 15.0
D = 22.5
F = 27.5
See
Dimension
Table
First two digits indicate the
twomostsignificantdigits
of the capacitance value in
picofarads. The third digit
is the number of following
zeros.
R = ±2.5%
J = ±5%
K = ±10%
M = ±20%
050 = 50
063 = 63
100 = 100
250 = 250
400 = 400
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - F211AF104K063C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
More results

Similar Description - F211AF104K063C

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
PHE450KF6470JR06L2 KEMET-PHE450KF6470JR06L2 Datasheet
58Kb / 1P
Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com