Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F211AF104K063C Datasheet(PDF) 22 Page - Kemet Corporation

Part # F211AF104K063C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104K063C Datasheet(HTML) 22 Page - Kemet Corporation

Back Button F211AF104K063C Datasheet HTML 17Page - Kemet Corporation F211AF104K063C Datasheet HTML 18Page - Kemet Corporation F211AF104K063C Datasheet HTML 19Page - Kemet Corporation F211AF104K063C Datasheet HTML 20Page - Kemet Corporation F211AF104K063C Datasheet HTML 21Page - Kemet Corporation F211AF104K063C Datasheet HTML 22Page - Kemet Corporation F211AF104K063C Datasheet HTML 23Page - Kemet Corporation F211AF104K063C Datasheet HTML 24Page - Kemet Corporation F211AF104K063C Datasheet HTML 25Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016 22
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Packaging Quantities cont'd
KEMET
Size
Code
Legacy
Size
Code
Lead
Spacing
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short
Leads
Bulk
Long
Leads
Standard
Reel
ø 360 mm
Large
Reel
ø 500 mm
Ammo
Standard
Reel
Formed
Ammo
Formed
AG
A01
10
4
9
13
1000
1000
900
1800
780
AH
A02
4.5
10.5
13
1000
1000
800
1600
AK
A03
5
11
13
800
800
700
1400
AP
A04
6
12
13
600
600
500
1000
520
AL
A05
9.5
7.5
13
600
600
350
700
AE
A06
4
8
13
1000
1000
900
1800
BD
B04
15
5.5
10.5
18
1000
800
600
1200
550
570
BE
B05
5.5
12.5
18
1000
800
600
1200
550
570
BL
B06
7.5
14.5
18
800
400
400
800
350
378
BJ
B10
6.5
12.5
18
1000
600
500
1000
450
480
BQ
B11
8.5
16
18
600
400
400
800
350
324
BM
B12
8
15
18
600
400
400
800
350
351
BV
B14
9.5
17.5
18
500
300
350
700
250
297
BG
B15
6
12
18
1000
800
500
1000
450
520
BY
B16
11
19
18
450
250
300
600
250
252
BU
B17
13
12.5
18
400
300
250
500
200
216
DD
D13
22.5
6.5
14.5
26.5
234
300
600
DH
D14
8
16
26.5
186
250
500
DM
D15
9
18.5
26.5
308
250
500
DT
D16
11
21.5
26.5
253
200
400
DF
D17
7
16.5
26.5
216
300
600
DR
D18
10.5
19
26.5
264
200
400
DY
D19
15.5
24.5
26.5
176
110
250
DW
D20
13.5
23
26.5
209
160
300
FK
F03
27.5
13.5
23
31.5
171
250
FE
F11
10.5
20.5
31.5
216
350
FG
F12
11.5
22.5
31.5
198
300
FM
F13
14.5
24.5
31.5
153
250
FR
F14
17.5
28
31.5
126
FS
F15
19
29
31.5
117
FV
F16
21
30
31.5
108
FH
F17
21
12.5
31.5
108
FT
F18
31
18.5
31.5
72
FQ
F19
27.5
16
31.5
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com