Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4304DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 1 Page - Texas Instruments

  THS4304DBVR Datasheet HTML 1Page - Texas Instruments THS4304DBVR Datasheet HTML 2Page - Texas Instruments THS4304DBVR Datasheet HTML 3Page - Texas Instruments THS4304DBVR Datasheet HTML 4Page - Texas Instruments THS4304DBVR Datasheet HTML 5Page - Texas Instruments THS4304DBVR Datasheet HTML 6Page - Texas Instruments THS4304DBVR Datasheet HTML 7Page - Texas Instruments THS4304DBVR Datasheet HTML 8Page - Texas Instruments THS4304DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
75
80
85
90
10
20
30
40
50
f − Frequency − MHz
Combined THS4304 and
ADS5500 SFDR
G = 10 dB,
RF = 249 Ω,
RG = 115 Ω,
SNR = 69.6,
FS = 125 MSPS
+ 5V
A IN+
A IN−
ADS 5500
RF
RG
49 .9
V IN
From
50−
Ω
source
100
1: 1
RF
RG
CM
CM
0.1
THS 4304
THS 4304
1k
+3.3 VA + 3.3 VD
D
A
0.1
+5V
10 k
V REF (= 2.5V)
VREF
VREF
V REF
1nF
1nF
+ 5V
CM
Ω
Ω
100
Ω
Ω
10 k
Ω
Ω
1k
Ω
µF
µF
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
Wideband Operational Amplifier
•
Active Filter
•
Wide Bandwidth: 3 GHz
•
ADC Driver
•
High Slew Rate: 830 V/
µs
•
Ultrasound
•
Low Voltage Noise: 2.4 nV/
√Hz
•
Gamma Camera
•
Single Supply: 5 V, 3 V
•
RF/Telecom
•
Quiescent Current: 18 mA
The THS4304 is a wideband, voltage-feedback operational amplifier designed for use in high-speed analog
signal-processing chains operating with a single 5-V power supply. Developed in the BiCom3 silicon germanium
process technology, the THS4304 offers best-in-class performance using a single 5-V supply as opposed to
previous generations of operational amplifiers requiring
±5-V supplies.
The THS4304 is a traditional voltage-feedback topology that provides the following benefits: balanced inputs, low
offset voltage and offset current, low offset drift, high common mode and power supply rejection ratio.
The THS4304 is offered in 8-pin MSOP package (DGK), the 8-pin SOIC package (D), and the space-saving 5-pin
SOT-23 package (DBV).
DIFFERENTIAL ADC DRIVE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4304DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304DBVR TI1-THS4304DBVR Datasheet
1Mb / 33P
Wideband Operational Amplifier
THS4304DBVR TI1-THS4304DBVR Datasheet
1Mb / 32P
Wideband Operational Amplifier
More results

Similar Description - THS4304DBVR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
Wideband Precision OPERATIONAL AMPLIFIER
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
Wideband Precision OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
Low Noise Wideband Operational Amplifier
September 1998
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com