Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4304DBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4304DBVR Datasheet HTML 18Page - Texas Instruments THS4304DBVR Datasheet HTML 19Page - Texas Instruments THS4304DBVR Datasheet HTML 20Page - Texas Instruments THS4304DBVR Datasheet HTML 21Page - Texas Instruments THS4304DBVR Datasheet HTML 22Page - Texas Instruments THS4304DBVR Datasheet HTML 23Page - Texas Instruments THS4304DBVR Datasheet HTML 24Page - Texas Instruments THS4304DBVR Datasheet HTML 25Page - Texas Instruments THS4304DBVR Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.ti.com
+ 5 V
A IN+
A IN−
ADS 5500
R F
R G
49 .9
V IN
From
50 W
source
100
1 :1
R F
R G
CM
CM
0. 1
THS4304
THS4304
1k
+ 3 .3 VA +3 .3 VD
D
A
0.1
+5 V
10 k
V REF (= 2.5V )
VREF
VREF
V REF
1 nF
1 nF
+ 5 V
CM
W
W
W
W
10 k W
100 W
1k W
m
F
m
F
75
80
85
90
10
20
30
40
50
f − Frequency − MHz
Combined THS4304 and
ADS5500 SFDR
G = 10 dB,
−1 dBFS,
RF = 249 Ω,
RG = 115 Ω,
SNR = 69.6,
FS = 125 MSPS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
The differential topology employed in this circuit provides for significant suppression of the 2nd-order harmonic
distortion of the amplifiers. This, along with the superior 3rd-order harmonic distortion performance of the
amplifiers, results in the SFDR performance of the circuit (at frequencies up to 40 MHz) being set by higher-order
harmonics generated by the sampling process of the ADS5500.
The amplifier circuit (with resistor divider for bias voltage generation) requires a total of 185 mW of power from a
single 5-V power supply.
Figure 55. Differential ADC Drive Amplifier Circuit
Figure 56. SFDR Performance versus Frequency – THS4304 Driving ADS5500
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com