Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC1306E05 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306E05
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1306E05 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1306E05 Datasheet HTML 17Page - Texas Instruments AMC1306E05 Datasheet HTML 18Page - Texas Instruments AMC1306E05 Datasheet HTML 19Page - Texas Instruments AMC1306E05 Datasheet HTML 20Page - Texas Instruments AMC1306E05 Datasheet HTML 21Page - Texas Instruments AMC1306E05 Datasheet HTML 22Page - Texas Instruments AMC1306E05 Datasheet HTML 23Page - Texas Instruments AMC1306E05 Datasheet HTML 24Page - Texas Instruments AMC1306E05 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Clock
Uncoded
Bitstream
Machester
Coded
Bitstream
1
0
1
0
1
1
1
0
0
1
1
0
0
0
1
IN
Clipping
Clipping
V
V
2 V
u
ModulatorOutput
AnalogInput
+FS(AnalogInput)
-FS(AnalogInput)
21
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734 – MARCH 2017
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Digital Output
A differential input signal of 0 V ideally produces a stream of ones and zeros that are high 50% of the time. A
differential input of 250 mV (for the AMC1306x25) or 50 mV (for the AMC1306x05) produces a stream of ones
and zeros that are high 89.06% of the time. With 16 bits of resolution, that percentage ideally corresponds to the
code 58368. A differential input of –250 mV (–50 mV for the AMC1306x05) produces a stream of ones and zeros
that are high 10.94% of the time and ideally results in code 7168 with 16-bit resolution. These input voltages are
also the specified linear ranges of the different AMC1306 versions with performance as specified in this
document. If the input voltage value exceeds these ranges, the output of the modulator shows nonlinear behavior
when the quantization noise increases. The output of the modulator clips with a stream of only zeros with an
input less than or equal to –320 mV (–65 mV for the AMC1306x05) or with a stream of only ones with an input
greater than or equal to 320 mV (65 mV for the AMC1306x05). In this case, however, the AMC1306 generates a
single 1 (if the input is at negative full-scale) or 0 every 128 clock cycles to indicate proper device function (see
the Fail-Safe Output section for more details). The input voltage versus the output modulator signal is shown in
Figure 46.
Figure 46. Analog Input versus the AMC1306 Modulator Output
The density of ones in the output bitstream for any input voltage value (with the exception of a full-scale input
signal, as described in the Output Behavior in Case of a Full-Scale Input section) can be calculated using
Equation 1:
(1)
The AMC1306 system clock is provided externally at the CLKIN pin. For more details, see the Switching
Characteristics table and the Manchester Coding Feature section.
8.3.5 Manchester Coding Feature
The AMC1306Ex offers the IEEE 802.3-compliant Manchester coding feature that generates at least one
transition per bit to support clock signal recovery from the bitstream. A Manchester coded bitstream is free of dc
components. The Manchester coding combines the clock and data information using exclusive or (XOR) logical
operation and results in a bitstream as shown in Figure 47. The duty cycle of the Manchester encoded bitstream
depends on the duty cycle of the input clock CLKIN.
Figure 47. Manchester Coded Output of the AMC1306Ex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com