Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC1306E05 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306E05
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1306E05 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1306E05 Datasheet HTML 9Page - Texas Instruments AMC1306E05 Datasheet HTML 10Page - Texas Instruments AMC1306E05 Datasheet HTML 11Page - Texas Instruments AMC1306E05 Datasheet HTML 12Page - Texas Instruments AMC1306E05 Datasheet HTML 13Page - Texas Instruments AMC1306E05 Datasheet HTML 14Page - Texas Instruments AMC1306E05 Datasheet HTML 15Page - Texas Instruments AMC1306E05 Datasheet HTML 16Page - Texas Instruments AMC1306E05 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
VIN (mVpp)
0
50
100
150
200
250
300
350
400
450
500
50
55
60
65
70
75
80
85
90
95
100
D020
AMC1306x25, SNR
AMC1306x25, SINAD
AVDD (V)
4.5
4.75
5
5.25
5.5
-110
-108
-106
-104
-102
-100
-98
-96
-94
-92
-90
-88
-86
D021
fCLKIN (MHz)
5
9
13
17
21
82
83
84
85
86
87
88
89
90
D018
AMC1306x25, SNR
AMC1306x25, SINAD
fIN (kHz)
0.1
1
10
100
72
74
76
78
80
82
84
86
88
D019
AMC1306x25, SNR
AMC1306x25, SINAD
AVDD (V)
3
3.5
4
4.5
5
5.5
82
83
84
85
86
87
88
89
90
D016
AMC1306x25, SNR
AMC1306x25, SINAD
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
82
83
84
85
86
87
88
89
90
D017
AMC1306x25, SNR
AMC1306x25, SINAD
13
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734 – MARCH 2017
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, AINP = –50 mV to 50 mV (AMC1306x05) or –250 mV to 250 mV (AMC1306x25),
AINN = AGND, fCLKIN = 20 MHz, and sinc
3 filter with OSR = 256 (unless otherwise noted)
Figure 18. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs High-Side Supply Voltage
Figure 19. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Temperature
Figure 20. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Clock Frequency
Figure 21. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Input Signal Frequency
Figure 22. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Input Signal Amplitude
AMC1306x25, fCLKIN = 21 MHz
Figure 23. Total Harmonic Distortion vs
High-Side Supply Voltage (5 V, nom)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com