Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALC6V1P6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDALC6V1P6
Description  QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDALC6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 9Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ESDALC6V1P6
6/10
®
2. Crosstalk behavior
The crosstalk phenomena are due to the coupling between 2 lines. Coupling factors (
β12 or β21 ) increase
when the gap across lines decreases, particularly in silicon dice. In the example above, the expected
signal on load RL2 is α2VG2, in fact the real voltage at this point has got an extra value β21VG2. This part
of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2. This
phenomenon has to be taken into account when the drivers impose fast digital data or high frequency
analog signals. The perturbed line will be more affected if it works with low voltage signal or high load
impedance (few k
Ω).
Figure A7 gives the measurement circuit for the analog crosstalk application. In figure 8, the curve shows
the effect of the cell I/O1 on the cell I/O4. In usual frequency range of analog signals (up to 100 MHz) the
effect on disturbed line is less than -55dB.
Fig. A6: Crosstalk phenomenon.
Fig. A7: Analog crosstalk test configuration.
Fig. A8: Typical analog crosstalk response.
RL1
RL2
αβ
1G1
12G2
V+
V
αβ
2G2
21G1
V+
V
Line 1
Line 2
VG1
VG2
DRIVERS
RECEIVERS
RG1
RG2
VG
GND
I/O1
I/O4
unloaded
50
Ω
50
Ω
Port 1
Port 2
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com