Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD7281 Datasheet(PDF) 26 Page - NEC

Part # UPD7281
Description  IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7281 Datasheet(HTML) 26 Page - NEC

Back Button UPD7281 Datasheet HTML 22Page - NEC UPD7281 Datasheet HTML 23Page - NEC UPD7281 Datasheet HTML 24Page - NEC UPD7281 Datasheet HTML 25Page - NEC UPD7281 Datasheet HTML 26Page - NEC UPD7281 Datasheet HTML 27Page - NEC UPD7281 Datasheet HTML 28Page - NEC UPD7281 Datasheet HTML 29Page - NEC UPD7281 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Preliminary Data Sheet S15306EJ2V0DS
26
µµµµPD72874
3.2 CardBus Mode Configuration Register (CARD_ON = High)
31
24
23
16
15
08
07
00
Device ID
Vendor ID
00H
Status
Command
04H
Class Code
Revision ID
08H
BIST
Header Type
Latency Timer
Cache Line Size
0CH
Base Address 0
10H
Base Address 1 (Cardbus Status Reg) Note
14H
Base Address 2 (Cardbus Status Reg) Note
18H
Reserved
1CH
Reserved
20H
Reserved
24H
Cardbus CIS Pointer Note
28H
Subsystem ID
Subsystem Vendor ID
2CH
Reserved
30H
Reserved
Cap_Ptr
34H
Reserved
38H
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
3CH
PCI_OHCI_Control
40H
Reserved
44H
Reserved
48H
Reserved
4CH
Reserved
50H
Reserved
54H
Reserved
58H
Reserved
5CH
Power Management Capabilities
Next_Item_Ptr
Cap_ID
60H
Reserved
Power Management Control/Status
64H
Reserved
68H
Reserved
6CH
Reserved
70H
Reserved
74H
Reserved
78H
Reserved
7CH
CIS Area Note
80H
FCH
Note Different from PCI Bus Mode Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com