Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAS10241 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DAS10241
Description  1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAS10241 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DAS10241 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAS10241 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
MAXIMUM RATINGS
APPLICATION NOTES
Rev. 4/13
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DAS10241
Guaranteed*
Parameter
Typical
0 to 50 °C
-55 to +85°C
Frequency (Min.)
1.0-12.0 GHz
1.0-10.0 GHz
1.0-10.0 GHz
1.0 TO 10.0 GHz
HIGH-SPEED ANALOG DETECTOR
DAS10241
Typical Values @ +25 °C
DAS10241
Wide Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . .
1.0 to 10.0 GHz
Wide Power Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-40.0 to 0 dBm
High Sensitivity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5 mV/uW
Good Temperature Stability . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Fast Pulse Response. . . . . . . . . . . . . . . . . . . . . . . . . . .
5 ηs
Versatile analog detector usable for both wideband video detection
(to –35 dBm) and low level detection to –55 dBm (with offset correction
and video filtering or averaging) Design limits drive to the video amp
providing fast recovery from high level pulses.
SMTO-8 for Detectors
DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6.0 V
Continuous RF Input Power . . . . . . . . . . . . . . . . . . . . .
+14.0 dBm
Operating Case Temperature . . . . . . . . . . . . . . . . . . . .
-55 °C to +95 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 °C to +125 °C
Burn-In Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Detector Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . .
+3500 °C/Watt
Temperature Rise @ 0 dBm (Tjc) . . . . . . . . . . . . . . . . .
+3.5 °C
Temperature Rise @ +5 dBm (Tjc) . . . . . . . . . . . . . . . .
+35 °C
1 Thermal resistance is based on RF input power. Ratings based on +25 °C.
Average power detection is obtained at power levels below approximately –13 dBm.
For best pulse recovery DC supply pins should be bypassed with 1-10 uF depending on
pulse width, duty cycle and video load.
Simple output offset voltage trimming (over temperature) can be implemented by “pulling”
the output (Rout=50 ohms) through a 100 K resistor and DAC/PROM supply.
Input Power Range (Min.)
-40 to 0 dBm
-35 to -5 dBm
-35 to -5 dBm
VSWR (Max.)
1.5:1
2.0:1
2.0:1
Sensitivity, Vout (Min.) Pin = –15 dBm
160 mV
100 mV
100 mV
Power Flatness (Max.)
1-10 GHz
±1.0 dB
±1.5 dB
±1.5 dB
2-10 GHz
±0.5 dB
±1.0 dB
±1.0 dB
Temperature Stability (Max.)
±0.5 dB
±1.0 dB
Output Offset Voltage, no RF (Max.)
±0.2 mV
±0.5 mV
±1.0 mV
Output Noise Voltage (Max.)
Video Load = 50 ohms
140 uVrms
160 uVrms
160 uVrms
Response Time
Pin = –15 dBm
Video Load = 50 ohms
5 ηsec†
7 ηsec†
7 ηsec†
Response Time
Pin = +5 dBm
Video Load = 50 ohms
9 ηsec†
12 ηsec†
12 ηsec†
Recovery Time to –30 dBm
Pin = +5 dBm, Video Load = 50 ohms
40 ηsec
50 ηsec
50 ηsec
Video Output Impedance
50 ohms
Supply Current, +V/–V, no RF (Max.)
12/12 mA
15/15 mA
15/15 mA
Supply Current,+V/–V (Max.)
Pin = +5 dBm , Video Load = 50 ohms
30/12 mA
35/15 mA
35/15 mA
* 50 ohm RF, 10K ohm Video and ±5.0 Vdc unless otherwise specified.
† Total response time, 50% RF to 90 or 10% Video Pulse.


Similar Part No. - DAS10241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAS1151 AD-DAS1151 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
DAS1153 INTRONICS-DAS1153 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Analog Devices
DAS1153 AD-DAS1153_15 Datasheet
1Mb / 4P
14-Bit &15-Bit Sampling Analog-to-DigitCaol nverters
REV. A
More results

Similar Description - DAS10241

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR140H APITECH-MR140H Datasheet
108Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF:1.0 to 10.0 GHz
logo
Teledyne Technologies I...
DAC4101 TELEDYNE-DAC4101 Datasheet
259Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DAC4103 TELEDYNE-DAC4103 Datasheet
258Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DACP20021 TELEDYNE-DACP20021 Datasheet
287Kb / 2P
0.5 TO 20.0 GHz HIGH-SPEED DACP20021 ANALOG DETECTOR
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6116 TELEDYNE-DAQ6116 Datasheet
302Kb / 2P
0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
DAQ10501 TELEDYNE-DAQ10501 Datasheet
236Kb / 2P
0.05 TO 10.0 GHz BROADBAND DAQ10501 ANALOG DETECTOR
DAS8121 TELEDYNE-DAS8121 Datasheet
265Kb / 2P
0.5 TO 8.0 GHz HIGH-SPEED DAS8121 ANALOG DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com