Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAS10241 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DAS10241
Description  1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAS10241 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DAS10241 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAS10241 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DAS10241
Input Flatness @ Vo = 100 mV
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
-14.0
-15.0
-16.0
-17.0
-18.0
F R E Q U E N C Y - G H z
1
2
3
4
5
6
7
8
9
10
11
12
F R E Q U E N C Y - G H z
1
2
3
4
5
6
7
8
9
10
11
12
-4.0
-5.0
-6.0
-7.0
-8.0
F R E Q U E N C Y - G H z
0
1
2
3
4
5
6
7
8
9
10
11
12
2.50
2.25
2.00
1.75
1.50
1.25
1.00
2.50
2.25
2.00
1.75
1.50
1.25
1.00
F R E Q U E N C Y - G H z
0
1
2
3
4
5
6
7
8
9
10
11
12
Input Flatness @ Vo = 1 V
Input VSWR @ PIN = –17 dBm
Input VSWR @ PIN = –7 dBm
10.0
1.0
0.1
0.01
0.001
0.0001
0.00001
Transfer Curve @ 5 GHz
I N P U T P O W E R - d B m
-60
-50
-40
-30
-20
-10
0
10
LINEAR SCALE KEY
+ 2 5 C
+ 8 5 C
- 5 5 C
5 m v / u W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com