Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNO2000B1 Datasheet(PDF) 2 Page - TEMEX

Part # LNO2000B1
Description  Low Noise Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO2000B1 Datasheet(HTML) 2 Page - TEMEX

  LNO2000B1 Datasheet HTML 1Page - TEMEX LNO2000B1 Datasheet HTML 2Page - TEMEX LNO2000B1 Datasheet HTML 3Page - TEMEX LNO2000B1 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Oscillator series
LNO 2000 B1
OCSO @ 2 GHz
LNO 2000 B1 - Revision D – January 2016
2 / 4
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
t o p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
Specifications
1.0
Environmental conditions
Line
Parameter
Test Condition
Min
Max
Unit
1.1
Operating temperature range
0
+50
°C
1.2
Storage temperature range
-40
+85
°C
1.3
Shock
As per MIL-PRF-28800F, Class 3, test equipment
1.4
Random vibration
As per MIL-PRF-28800F, Class 3, test equipment
2.0
Electrical interface
Line
Parameter
Test Condition
Operating
Range
Absolute
Maximum
Unit
2.1
Supply voltage
Pin 2
+10 ± 0.2
0 to +15
VDC
2.2
Load impedance
Pin 3, 50 all phases
< 1.3:1
-
VSWR
2.3
Control input voltage
Pin 4
+2 to +7
-0.3 to +10
VDC
2.4
Control input impedance
Pin 4
> 10
-
k
3.0
Performances
Line
Parameter
Test Condition
Typ. Value
Guaranteed
Unit
3.1
Nominal output frequency
Definition
2000
MHz
3.2
Output frequency calibration
Factory calibration @25°C
0.2
< 0.5
ppm
3.3
Output frequency stability
On full temperature range
-
< 2
ppm
3.4
Long term stability
After 30 days of continuous operation
1st year
10 years
-
-
< 1
< 6
ppm
ppm
3.5
Warm-up power consumption
7
< 9
W
3.6
Steady state power consumption
@25 °C (calm air)
3
< 4
W
3.7
Warm-up time
1 ppm with reference to frequency
reached after 1 hour of continuous
operation
-
< 5
minutes
3.8
Frequency tuning
For full control input operating range
5
> 4
ppm
3.9
Slope
Positive
2
1.5 to 3
ppm/V
3.10
Output power
Sine wave into 50  load
-
+10 1
dBm
3.11
Output impedance
At 2000 ± 1MHz
-
< 2.0:1
VSWR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com